DMYB-CJS-RQ
AI

The **DMYB-CJS-RQ** is a specialized electronic component, typically categorized as a **High-Voltage Ignition Transformer** or an **Electronic Spark Generator**. It is most commonly utilized in industrial heating systems, gas-fired ovens, and commercial kitchen equipment for automated ignition sequences.
---
### 1. Key Technical Specifications
While specific datasheets may vary by manufacturer, the standard electronic profile for this part includes:
| Parameter | Typical Value |
| :--- | :--- |
| **Input Voltage** | 220V - 240V AC (50/60Hz) |
| **Output Voltage** | 15kV - 18kV (High Voltage Peak) |
| **Ignition Distance** | 3mm to 5mm |
| **Duty Cycle** | Intermittent (e.g., 33% over 3 minutes) |
| **Material** | Epoxy Resin Encapsulation |
| **Connection Type** | Faston terminals or insulated wire leads |
---
### 2. Internal Electronic Components
The DMYB-CJS-RQ operates using a solid-state step-up circuit. Its internal architecture consists of:
* **Step-up Transformer:** A ferrite-core transformer that converts low-voltage AC into high-voltage pulses.
* **Capacitive Discharge System:** Stores energy and releases it rapidly to create a high-energy spark.
* **Rectifier Diodes:** Converts AC input into a form usable by the internal capacitors.
* **Encapsulation:** The internal components are potted in **epoxy resin**, which provides:
* High dielectric strength (prevents internal arcing).
* Moisture and vibration resistance.
* Thermal stability.
---
### 3. Application & Functionality
The device serves as the "igniter" in a combustion control loop. When the control board sends power to the DMYB-CJS-RQ, it performs the following electronic functions:
1. **Ionization:** It generates a high potential difference between the ignition electrodes.
2. **Plasma Formation:** The air gap breaks down, creating a spark (plasma) that ignites the gas-air mixture.
3. **Safety Integration:** Often works in tandem with a flame sensor (ion probe) to ensure the gas valve closes if no flame is detected.
### 4. Wiring Identification
| Wire Color/Terminal | Function |
| :--- | :--- |
| **L / N** | Power Input (Live and Neutral) |
| **High Tension (HT)** | Thick insulated cable leading to the Spark Plug/Electrode |
| **Ground (Earth)** | Critical for circuit completion and safety |
---
- ⤷
What are the common failure symptoms of the DMYB-CJS-RQ?
- ⤷ How do I test the secondary winding of this transformer using a multimeter?
- ⤷ Can this component be used for continuous ignition in ozone generators?