DN-93601-U-R
AI

The **DN-93601-U-R** is a specific networking component manufactured by **DIGITUS**. It is a **Cat.6 Keystone Jack**, unshielded (UTP), designed for tool-free installation in patch panels or wall outlets.
---
### 🛠️ Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Category** | Cat.6 (Class E) |
| **Shielding** | U-UTP (Unshielded) |
| **Transmission Frequency** | 250 MHz |
| **Housing Material** | ABS Plastic (UL 94V-0 compliant) |
| **Contact Material** | Phosphor bronze with gold plating (0.5 μ) |
| **Termination Type** | Tool-free (IDC - Insulation Displacement Connector) |
| **Wiring Standard** | EIA/TIA 568 A & B |
| **Durability** | > 750 mating cycles |
---
### 🔬 Electronic & Structural Components
#### 1. IDC Terminals (Insulation Displacement Connector)
The core "electronic" interface inside the jack uses LSA-style contacts. These are designed to pierce the plastic insulation of the copper wires to create a gas-tight connection without soldering or stripping the wires.
* **Capacity:** Supports solid and stranded cables (AWG 22-26).
#### 2. Gold-Plated RJ45 Contacts
The 8 pins inside the jack are made of phosphor bronze. The **0.5 μ gold plating** is critical for:
* **Conductivity:** Ensuring high-speed data flow with minimal resistance.
* **Oxidation Prevention:** Protecting the copper from corrosion over years of use.
#### 3. Internal PCB (Printed Circuit Board)
Behind the contacts, a small internal PCB manages the signal path. It is engineered to minimize **Crosstalk (NEXT)** and **Return Loss**, ensuring the signal meets Cat.6 standards even at frequencies up to 250 MHz.
#### 4. Tool-Free Locking Mechanism
The "Electronic Part" includes a mechanical cap that acts as a lever. When pressed down, it forces the 8 twisted-pair wires into the IDC slots simultaneously, ensuring uniform pressure across all contacts.
---
### 💡 Key Benefits
* **PoE+ Support:** Capable of handling Power over Ethernet (IEEE 802.3at).
* **Compact Design:** The "U-R" (Unshielded-Reduced) or slim design allows for high-density installation in 48-port patch panels.
* **Color Coding:** Integrated labels for T568A and T568B wiring schemes prevent installation errors.
- ⤷
What is the difference between this unshielded jack and the shielded (STP) version?
- ⤷ Does this Keystone jack support 10GBASE-T Ethernet speeds?
- ⤷ Can I use this jack with Cat5e or Cat6A cabling?