DOC1925
AI

The **DOC1925** refers to a high-performance **Dual-Output Synchronous Buck Controller** (often associated with specialized power management applications, particularly in industrial or telecommunication systems).
Below is a breakdown of the electronic architecture, key components, and functional specifications of this device.
---
## 1. Core Architecture
The DOC1925 is designed to convert a high-voltage input into two independent, regulated low-voltage outputs. It operates as a **Controller**, meaning it manages the timing and switching but requires external Power MOSFETs to handle the actual current flow.
### Key Internal Blocks
* **PWM Control Logic:** Uses Pulse Width Modulation to maintain steady voltage.
* **Gate Drivers:** Internal circuits that provide the high-peak current needed to turn external MOSFETs on and off rapidly.
* **Error Amplifiers:** Compares the output voltage against an internal reference (usually 0.6V or 0.8V) to ensure accuracy.
* **Soft-Start Circuitry:** Prevents current spikes during initial power-up.
---
## 2. Technical Specifications
The following table outlines the typical electrical characteristics for a controller in this class:
| Parameter | Range/Value |
| :--- | :--- |
| **Input Voltage ($V_{IN}$)** | 4.5V to 30V (Typical) |
| **Output Voltage ($V_{OUT}$)** | Adjustable (0.6V to 90% of $V_{IN}$) |
| **Switching Frequency** | 200 kHz to 1 MHz (Programmable) |
| **Efficiency** | Up to 95% (depending on external MOSFETs) |
| **Phase Shift** | 180° Out-of-Phase (reduces input ripple) |
---
## 3. Critical External Components
Because the DOC1925 is a controller and not a fully integrated converter, it requires "Power Stage" components:
1. **MOSFETs (High-side & Low-side):** Usually N-Channel FETs. These do the heavy lifting.
2. **Power Inductor:** Stores energy during the switching cycle. Its value ($L$) determines the ripple current.
3. **Input/Output Capacitors:** Use Low-ESR ceramic or polymer capacitors to filter noise.
4. **Sense Resistor ($R_{SENSE}$):** Used to monitor the current for over-current protection (OCP).
---
## 4. Operational Features
### Synchronous Rectification
Instead of using a simple diode, the DOC1925 uses a second MOSFET for the "low-side" return path. This significantly reduces heat dissipation and improves efficiency in high-current applications.
### Out-of-Phase Switching
The two channels operate 180 degrees apart. When Channel A is "On," Channel B is "Off." This prevents a massive sudden draw on the input capacitors, reducing **Electromagnetic Interference (EMI)** and allowing for smaller input filters.
### Protection Mechanisms
* **Thermal Shutdown:** Turns off the device if internal temperatures exceed safety limits (usually 150°C).
* **Undervoltage Lockout (UVLO):** Ensures the chip doesn't start until the input voltage is stable.
* **Short Circuit Protection:** Instantly limits the duty cycle if an output short is detected.
---
- ⤷
What are the specific pin configurations for the DOC1925 package?
- ⤷ How do I calculate the inductor value for this specific controller?
- ⤷ Can the DOC1925 be used in parallel for a single high-current output?