DR124-121-R
AI

## Technical Overview of DR124-121-R
The **DR124-121-R** is a high-power, shielded surface-mount (SMD) inductor manufactured by Eaton (formerly Bussmann/Coiltronics). It is part of the DR series, which is specifically designed for high-density applications requiring low electromagnetic interference (EMI).
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 120 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.354 Ω (Typical) |
| **Saturation Current ($I_{sat}$)** | 1.16 Amperes |
| **RMS Current ($I_{rms}$)** | 1.05 Amperes |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions** | 12.5mm x 12.5mm x 4.5mm |
---
### 2. Physical Construction and Features
* **Shielded Design:** The core is ferrite-shielded, which significantly reduces EMI. This makes it ideal for use near sensitive components like microcontrollers or wireless modules.
* **Drum Core Technology:** It utilizes a high-power density drum core, which allows for a small footprint while maintaining high energy storage capabilities.
* **SMD Package:** Designed for automated pick-and-place assembly with a flat top for vacuum nozzles.
* **Lead-Free/RoHS:** The "-R" suffix indicates that the part is fully RoHS compliant.
---
### 3. Common Applications
The DR124-121-R is commonly found in power management circuits, specifically:
1. **Buck/Boost Converters:** Used as the energy storage element in DC-DC converters.
2. **Noise Filtering:** Acting as a choke in power lines to smooth out voltage ripples.
3. **LED Drivers:** Providing stable current for lighting systems.
4. **Computer Peripherals:** Used in laptops, servers, and networking equipment.
---
### 4. Interpretation of the Part Number
```text
DR 124 - 121 - R
| | | |
| | | └── RoHS Compliant
| | └────── Inductance Code (12 * 10^1 = 120 µH)
| └──────────── Physical Size (approx. 12mm wide, 4mm high)
└──────────────── Series Name (Drum Core Shielded)
```
- ⤷
What are the alternative inductors with similar current ratings?
- ⤷ How does the saturation current affect performance in a DC-DC converter?
- ⤷ What is the difference between the DR124 and DR127 series?