DR124-180-R
AI

## DR124-180-R: High Power Density Inductor
The **DR124-180-R** is a shielded, surface-mount (SMD) power inductor part of the **DR Series** manufactured by **Eaton (formerly Coiltronics)**. It is designed for high-efficiency power conversion applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 18.0 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | 4.32 Amps |
| **Saturation Current (Isat)** | 5.20 Amps |
| **DC Resistance (DCR)** | 0.0294 Ω (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Core Material** | Ferrite |
| **Shielding** | Magnetically Shielded |
---
### 2. Physical Dimensions
The "124" in the part number signifies the physical footprint size (approximately 12.5mm x 12.5mm x 4.5mm).
* **Length:** 12.5 mm
* **Width:** 12.5 mm
* **Height:** 4.5 mm (Max)
---
### 3. Core Features & Benefits
* **Magnetic Shielding:** The ferrite drum and ring core construction minimizes Electromagnetic Interference (EMI), making it suitable for noise-sensitive environments.
* **High Power Density:** Provides high current handling capabilities relative to its small physical footprint.
* **Low DCR:** The low DC resistance ensures minimal power loss and reduced heat generation during operation.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and meets RoHS environmental standards.
---
### 4. Typical Applications
The DR124-180-R is commonly used in DC-DC converters and power supply modules. Specific use cases include:
1. **Buck/Boost Converters:** Used for energy storage in voltage regulation.
2. **Computer Peripherals:** Found in laptops, servers, and storage drives.
3. **Industrial Electronics:** Used in battery-powered equipment and distributed power systems.
4. **Consumer Electronics:** Video game consoles and LED lighting drivers.
---
### 5. Part Number Breakdown
```text
DR 124 - 180 - R
| | | |
Series Size Value RoHS Compliant
(18µH)
```
- ⤷What is the difference between Irms and Isat for this inductor?
- ⤷ Are there smaller alternatives to the DR124 series with similar inductance?
- ⤷ How does the ferrite core affect the EMI performance of this part?