DR124-270-R
AI

The **DR124-270-R** is a high-power, shielded surface-mount (SMD) inductor manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the DR series, known for high efficiency and a robust drum core construction.
---
### ## 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the DR124-270-R:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 27 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.0528 Ohms (Max) |
| **Rated Current (Irms)** | 3.16 Amps |
| **Saturation Current (Isat)** | 3.42 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
| **Package Size** | 12.5mm x 12.5mm x 4.5mm |
---
### ## 2. Core Components and Materials
The "DR" designation refers to its **Drum Core** design. The part consists of several critical electronic elements:
* **Ferrite Core:** High-density ferrite material that provides high permeability while minimizing core losses at high frequencies.
* **Copper Wire:** Precision-wound enameled copper wire. The thickness of this wire determines the DC resistance (DCR) and the current-carrying capacity.
* **Magnetic Shield:** A ferrite sleeve surrounds the winding. This prevents electromagnetic interference (EMI) from affecting nearby components and contains the magnetic flux within the inductor.
* **Solder Pads:** Large, robust pads designed for stable reflow soldering on Printed Circuit Boards (PCBs).
---
### ## 3. Common Applications
Due to its high current rating and shielding, the DR124-270-R is typically found in:
1. **DC-DC Converters:** Acts as an energy storage element in Buck, Boost, and SEPIC converters.
2. **Power Supplies:** Used for input/output filtering to reduce ripple and noise.
3. **Consumer Electronics:** Found in laptops, LED drivers, and game consoles where space and EMI management are critical.
4. **Industrial Equipment:** Utilized in motor control circuits and distributed power systems.
---
### ## 4. Understanding the Part Number
`DR124-270-R`
* **DR:** Product Series (Drum Core Inductor).
* **124:** Size code (approx. 12mm width/length and 4mm height).
* **270:** Inductance code. The first two digits (27) are the value, and the third (0) is the multiplier. $27 \times 10^0 = 27$ µH.
* **-R:** RoHS compliant.
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Can this inductor be used in high-frequency switching above 1MHz?
- ⤷ What are the footprint alternatives if the DR124 is out of stock?