DR124-271-R
AI

The **DR124-271-R** is a high-power, shielded surface-mount (SMD) inductor manufactured by Eaton (formerly Bussmann). It belongs to the DR series, which is characterized by high power density and excellent thermal stability.
---
### ## 1. Technical Specifications
The part number "271" indicates the inductance value, while the "R" denotes RoHS compliance.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 270 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.490 Ω (Typical) |
| **Rated Current (Irms)** | 0.98 Amps |
| **Saturation Current (Isat)** | 1.15 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
### ## 2. Physical Characteristics
The DR124 series uses a specific footprint that allows for automated assembly.
* **Core Material:** Ferrite drum core with a plastic base.
* **Shielding:** The magnetic shielding minimizes Electromagnetic Interference (EMI), making it suitable for densely packed circuit boards.
* **Dimensions:**
* Length/Width: ~12.5 mm x 12.5 mm
* Height: ~4.5 mm (Max)
---
### ## 3. Common Applications
Due to its high inductance and power handling capabilities, the DR124-271-R is commonly found in the following circuits:
1. **DC-DC Converters:** Used in buck, boost, and SEPIC topologies for voltage regulation.
2. **Power Supplies:** Common in laptop adapters, battery chargers, and industrial power modules.
3. **Noise Filtering:** Acts as a low-pass filter to smooth out ripples in power lines.
4. **LED Drivers:** Used to maintain constant current flow in high-brightness LED applications.
---
### ## 4. Part Number Breakdown
Understanding the nomenclature helps in identifying similar parts:
* **DR:** Series name (Drum Core/Shielded).
* **124:** Size code (approx. 12mm x 4mm height).
* **271:** Inductance code ($27 \times 10^1$ = 270 µH).
* **R:** RoHS compliant (Lead-free).
---
- ⤷What is the difference between the saturation current and the rated current for this inductor?
- ⤷ Can you provide a list of equivalent alternative parts from other manufacturers?
- ⤷ How does the temperature rise affect the performance of the DR124-271-R?