AI

## Technical Overview: DR124-470-R
The **DR124-470-R** is a high-power, shielded surface-mount (SMD) inductor manufactured by **Eaton (formerly Bussmann/Coiltronics)**. It is part of the DR series, known for high efficiency and high power density.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 47 $\mu$H |
| **Tolerance** | ±20% |
| **Current Rating (Saturation)** | 2.58 A (Typ. $I_{sat}$) |
| **Current Rating (RMS)** | 2.27 A (Typ. $I_{rms}$) |
| **DC Resistance (DCR)** | 101 mΩ (Max) |
| **Shielding** | Magnetically Shielded |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions** | 12.5mm x 12.5mm x 4.5mm |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific naming convention:
* **DR:** Series name (Drum Core/High Power).
* **124:** Indicates the physical size (approx. 12.5mm width and 4.5mm height).
* **470:** The inductance value. The first two digits (47) are the value, and the third (0) is the multiplier. $47 \times 10^0 = 47 \mu$H.
* **R:** Denotes RoHS compliance (lead-free).
---
### 3. Core Features and Construction
* **Magnetically Shielded:** The part is enclosed in a ferrite core. This minimizes Electromagnetic Interference (EMI), making it suitable for densely packed circuit boards where components are close to sensitive signals.
* **Ferrite Drum Core:** Uses a high-permeability ferrite material that allows for high saturation current levels relative to its size.
* **Low Core Loss:** Designed for high-frequency applications, minimizing energy wasted as heat.
---
### 4. Common Applications
This inductor is typically found in power management circuits, specifically:
1. **DC-DC Converters:** Used in Buck, Boost, and SEPIC topologies.
2. **Point of Load (POL):** Providing stable voltage to CPUs, FPGAs, and ASICs.
3. **Industrial Electronics:** Power supplies for LED lighting, motor controls, and sensors.
4. **Consumer Electronics:** Laptops, servers, and telecommunications equipment.
---
### 5. Design Considerations
* **Saturation Current ($I_{sat}$):** This is the point where inductance drops by a specific percentage (usually 30%). Do not exceed this current, or the inductor will lose its ability to store energy.
* **Thermal Management:** The $I_{rms}$ rating is based on a 40°C temperature rise. Ensure adequate airflow or PCB copper traces for heat dissipation.
- ⤷
What are the differences between the DR124 and DR125 series?
- ⤷ How does the 'shielded' nature of this inductor impact PCB layout?
- ⤷ Can this inductor be used in automotive-grade applications (AEC-Q200)?