DR124-471-R
AI

## Overview of DR124-471-R
The **DR124-471-R** is a high-power, shielded surface-mount (SMD) inductor manufactured by **Eaton (formerly Bussmann/Coiltronics)**. It is part of the DR series, which is specifically designed for high-density, high-efficiency power applications.
---
### Technical Specifications
The following table outlines the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 470 µH (Microhenries) |
| **Inductance Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.730 Ω (Typical) / 0.880 Ω (Maximum) |
| **Rated Current (Irms)** | 0.78 Amps |
| **Saturation Current (Isat)** | 0.90 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
| **Package Size** | 12.5mm x 12.5mm x 4.5mm |
---
### Key Features
1. **Magnetic Shielding:** The component is enclosed in a ferrite core, which significantly reduces Electromagnetic Interference (EMI). This makes it suitable for noise-sensitive circuits.
2. **High Power Density:** Despite its relatively small SMD footprint, it handles high saturation currents without a significant drop in inductance.
3. **Low DCR:** The low direct-current resistance ensures minimal power loss through heat, contributing to overall circuit efficiency.
4. **Ferrite Drum Core:** The construction uses a drum core with a ring sleeve to provide high energy storage capacity.
---
### Common Applications
The DR124-471-R is typically found in power management circuits where high voltage/current regulation is required:
* **DC-DC Converters:** Used in buck, boost, and SEPIC topologies.
* **Computer Hardware:** Voltage Regulator Modules (VRMs) for laptops and servers.
* **Industrial Electronics:** Power supplies for sensors and control units.
* **Consumer Electronics:** High-end audio equipment and LED lighting drivers.
---
### Part Number Breakdown
Understanding the nomenclature helps in selecting alternatives:
* **DR:** Series name (Drum Core, Shielded).
* **124:** Dimensions (approx. 12mm width, 4mm height).
* **471:** Inductance code (47 + one zero = 470 µH).
* **R:** RoHS compliant.
- ⤷
What are the main differences between the DR124 and DR127 series?
- ⤷ How does the saturation current affect the performance of this inductor in a buck converter?
- ⤷ Are there recommended substitutes for the DR124-471-R from other manufacturers?