DR125-101-R
AI

The **DR125-101-R** is a high-power, shielded surface-mount (SMT) inductor manufactured by Eaton (formerly Cooper Bussmann). It belongs to the DR series, which is known for its high power density and efficiency in DC-DC converter applications.
---
## 1. Technical Specifications
The part number "101" indicates the inductance value, and "R" signifies RoHS compliance.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 100 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | 1.91 Amps (Typical) |
| **Saturation Current (Isat)** | 2.18 Amps (Typical) |
| **DC Resistance (DCR)** | 0.170 Ohms (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
## 2. Key Features
### A. Magnetic Shielding
The inductor is ferrite-shielded. This minimizes **Electromagnetic Interference (EMI)**, making it ideal for densely packed circuit boards where noise could interfere with nearby sensitive components.
### B. High Power Density
The DR125 series is designed to handle high current levels relative to its physical footprint (approx. 12.5mm x 12.5mm x 6.0mm).
### C. Construction
* **Core Material:** Ferrite.
* **Termination:** Lead-free, tin-plated copper.
* **Mounting:** SMT (Surface Mount Technology) for automated pick-and-place assembly.
---
## 3. Common Applications
The DR125-101-R is typically used in power management circuits, specifically:
1. **Buck/Boost Converters:** Acting as an energy storage element in DC-DC voltage regulation.
2. **Computer Peripherals:** Used in laptops, servers, and storage drives.
3. **Industrial Electronics:** Providing stable power for sensors and controllers.
4. **LED Lighting:** Used in driver circuits to maintain constant current.
---
## 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **DR:** Series Name (Drum Core).
* **125:** Dimensions (approx. 12.5mm diameter/width).
* **101:** Inductance Code (10 + one zero = 100µH).
* **R:** RoHS Compliant.
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there smaller footprint alternatives to the DR125 series?
- ⤷ How does the DCR affect the efficiency of the power circuit?