DR127-100-R
AI

The **DR127-100-R** is a specific model of a power inductor manufactured by Eaton (formerly Cooper Bussmann). It belongs to the **DR Series** of high-power density, shielded drum core inductors.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the DR127-100-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 10.0 µH |
| **Tolerance** | ±20% |
| **Rated Current (Typical)** | 5.28 Amps |
| **Saturation Current ($I_{sat}$)** | 8.00 Amps |
| **DC Resistance (DCR)** | 0.0216 Ohms (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
| **Package Size** | 12.5mm x 12.5mm x 8.0mm |
---
## 2. Key Component Features
### A. Magnetic Shielding
The "DR" series utilizes a ferrit drum core with a ferrite sleeve. This **shielded construction** minimizes Electromagnetic Interference (EMI), which is critical for densely packed circuit boards where noise can affect nearby components.
### B. High Power Density
The part is designed to handle high current levels relative to its footprint. The "127" in the part number refers to the physical size (approximately 12.5mm x 12.5mm x 7mm/8mm height).
### C. Construction Material
* **Core:** Ferrite
* **Wire:** Enameled Copper
* **Terminals:** Matte Tin over Copper
---
## 3. Applications
The DR127-100-R is primarily used in power management circuits where voltage conversion is necessary. Common applications include:
1. **DC-DC Converters:** Buck (step-down), Boost (step-up), and SEPIC topologies.
2. **Voltage Regulator Modules (VRMs):** Used in computing and telecommunications.
3. **Industrial Electronics:** Providing stable power to sensors and controllers.
4. **Consumer Electronics:** High-power LED drivers and battery-powered devices.
---
## 4. Part Number Breakdown
Understanding the nomenclature helps in selecting variants:
| Segment | Meaning |
| :--- | :--- |
| **DR** | Series Name (Drum Core, Shielded) |
| **127** | Size Code (12.5 x 12.5 x 8.0 mm) |
| **100** | Inductance Code ($10 \times 10^0 = 10 \mu H$) |
| **-R** | RoHS Compliant |
- ⤷
What is the difference between the 'Saturation Current' and 'Rated Current' for this inductor?
- ⤷ Can the DR127-100-R be used in automotive applications requiring AEC-Q200 qualification?
- ⤷ How does the DCR affect the efficiency of a power supply using this part?