DR127-680-R
AI

The **DR127-680-R** is a specific model of power inductor manufactured by Eaton (formerly Bussmann). It belongs to the **DR Series**, which is known for its high power density and shielded construction.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's specific characteristics:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **DR** | Series Name | Dual Winding/Drum Core inductor series |
| **127** | Size Code | Approximately 12.5mm x 12.5mm x 8.0mm |
| **680** | Inductance Value | 68 µH (68 followed by 0 zeros) |
| **-R** | RoHS Compliant | Lead-free and environmentally compliant |
---
### 2. Key Technical Specifications
The DR127 series is designed for durability and efficiency in power conversion circuits.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 68 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~0.151 Ohms (Typical) |
| **Rated Current (Irms)** | ~2.11 Amperes |
| **Saturation Current (Isat)** | ~2.55 Amperes |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Ferrite Drum Core (Shielded) |
---
### 3. Core Features & Construction
* **Magnetic Shielding:** The component is magnetically shielded, which minimizes Electromagnetic Interference (EMI). This is critical for densely packed PCBs where components are close to sensitive analog signals.
* **High Power Density:** The "127" size provides a high current-carrying capacity relative to its footprint.
* **Surface Mount (SMD):** Designed for automated pick-and-place assembly.
* **Drum Core Design:** The ferrite core construction allows for a high saturation point, meaning it can handle current spikes without the inductance dropping significantly.
---
### 4. Common Applications
This part is typically found in power management stages of electronic devices:
1. **DC-DC Converters:** Used as an energy storage element in Buck (step-down), Boost (step-up), and SEPIC converters.
2. **Voltage Regulator Modules (VRMs):** Found in laptops and desktop motherboards.
3. **LED Drivers:** Used to maintain constant current for high-brightness LEDs.
4. **Noise Filtering:** Acts as a low-pass filter to smooth out ripples in power supplies.
---
### 5. Example Circuit Implementation
In a standard Buck converter circuit, the DR127-680-R would be placed between the switching node and the output capacitor.
```spice
* Simple Buck Stage Representation
Vin -- [Switch/MOSFET] --+-- [DR127-680-R] --+-- Vout
| |
[Diode] [Capacitor]
| |
GND GND
```
- ⤷What is the difference between Irms and Isat for this inductor?
- ⤷ Are there smaller footprints available with the same 68uH inductance?
- ⤷ How does temperature affect the performance of the DR127 series?