AI

## Technical Overview: DR73-220-R Inductor
The **DR73-220-R** is a high-power density, shielded drum core inductor manufactured by **Eaton (formerly Bussmann/Coiltronics)**. It is part of the DR series, designed for surface mount (SMD) applications where space is limited and electromagnetic interference (EMI) must be minimized.
---
### 1. Key Technical Specifications
The alphanumeric code "220" indicates the inductance value, and "R" signifies RoHS compliance.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 22.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.0888 Ω (Typical) |
| **Rated Current (Irms)** | 1.69 Amps |
| **Saturation Current (Isat)** | 1.83 Amps |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | DR73 (approx. 7.6 x 7.6 x 3.55 mm) |
| **Shielding** | Magnetically Shielded |
---
### 2. Physical Construction and Design
The DR73-220-R features a specific architecture to balance performance and size:
* **Ferrite Drum Core:** Provides high permeability and handles high frequency switching efficiently.
* **Magnetic Shielding:** A ferrite sleeve surrounds the winding. This traps the magnetic flux, preventing the inductor from interfering with nearby sensitive components and reducing audible noise.
* **Surface Mount Design:** Features a flat top for high-speed automated "pick and place" assembly and robust solder pads for board stability.
---
### 3. Common Applications
Due to its shielding and current handling, the DR73-220-R is typically found in:
1. **DC-DC Converters:** Used as a storage element in Buck, Boost, or SEPIC converters.
2. **Power Supplies:** Common in laptop adapters, LED drivers, and distributed power systems.
3. **Noise Filtering:** Acting as a low-pass filter to smooth out ripples in power lines for telecommunications and industrial equipment.
4. **Battery Powered Devices:** Ideal for handheld electronics where high efficiency and small footprints are required.
---
### 4. Interpretation of the Part Number
* **DR:** Series name (Drum Core, Shielded).
* **73:** Size code (7.6mm width, 3.5mm height).
* **220:** Inductance value. The first two digits (22) are the value, the third digit (0) is the multiplier ($10^0$). Result: $22 \times 1 = 22$ µH.
* **R:** RoHS compliant (Lead-free).
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Can you explain how the magnetic shielding improves circuit performance?
- ⤷ What are the recommended footprint dimensions for soldering a DR73 series part?