AI

## Technical Overview: DRA124-3R3-R Inductor
The **DRA124-3R3-R** is a high-power, shielded drum core inductor manufactured by **Eaton (formerly Bussmann/Coiltronics)**. It is specifically designed for automotive applications and high-density power conversion.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 3.3 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 11.5 mΩ (Nominal) |
| **Saturation Current ($I_{sat}$)** | 13.9 A |
| **RMS Current ($I_{rms}$)** | 9.15 A |
| **Operating Temperature** | -40°C to +165°C |
| **Package / Case** | 12.5mm x 12.5mm x 4.5mm |
---
### 2. Physical Construction and Design
* **Shielding:** It features a magnetic shield, which minimizes Electromagnetic Interference (EMI) and prevents the magnetic field from affecting nearby sensitive components.
* **Core Material:** Ferrite drum core, which provides high efficiency and low core losses.
* **Terminations:** Matte tin-plated lead-free terminations over copper, suitable for standard SMT (Surface Mount Technology) reflow soldering.
* **Automotive Grade:** It is **AEC-Q200 Grade 1 qualified**, meaning it can withstand the mechanical and thermal stresses of automotive environments.
---
### 3. Common Applications
Due to its high current handling and thermal stability, this part is used in:
1. **Automotive Electronics:** Power steering, engine control units (ECU), and lighting.
2. **DC-DC Converters:** Buck, boost, and forward converters.
3. **Industrial Controls:** High-temperature power supplies and motor drivers.
4. **Computing:** Voltage Regulator Modules (VRM) for servers and workstations.
---
### 4. Part Number Breakdown
The part number follows a specific nomenclature:
* **DRA**: Series name (Automotive High Power, Shielded)
* **124**: Physical dimensions (~12.5mm x 4.5mm)
* **3R3**: Inductance value (3.3 µH; "R" acts as the decimal point)
* **-R**: RoHS Compliant / Lead-free
---
- ⤷What is the difference between Isat and Irms for this inductor?
- ⤷ What are the recommended PCB footprint dimensions for the DRA124 series?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?