DRA124-4R7-R
AI

The **DRA124-4R7-R** is a high-power, shielded drum core inductor specifically designed for automotive and industrial applications. It is manufactured by Eaton (formerly Bussmann/Coiltronics).
---
### 1. Key Technical Specifications
The part number itself contains encoded information about its physical size and electrical properties.
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 4.7 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 7.48 Amperes |
| **Saturation Current (Isat)** | 10.9 Amperes |
| **DC Resistance (DCR)** | 9.9 mΩ (Max) |
| **Operating Temperature** | -40°C to +165°C |
| **Package / Case** | 12.5mm x 12.5mm x 4.5mm |
---
### 2. Physical Construction and Features
The "DRA" series is built to withstand harsh environments. Its construction features include:
* **Shielded Design:** The inductor is magnetically shielded to minimize Electromagnetic Interference (EMI), which is crucial for sensitive automotive electronics.
* **High Temperature Rating:** With a maximum operating temperature of **165°C**, it is suitable for "under-the-hood" automotive applications.
* **AEC-Q200 Qualified:** It meets the stress test qualification for automotive-grade passive components.
* **Mechanical Strength:** Designed to handle high vibration and mechanical shock.
---
### 3. Applications
This component is typically found in power management circuits where high efficiency and high current handling are required.
1. **Automotive Systems:** LED lighting, Engine Control Units (ECUs), and infotainment systems.
2. **DC-DC Converters:** Used as an energy storage element in Buck, Boost, or SEPIC converters.
3. **Industrial Power Supplies:** High-density power modules and battery-powered devices.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying similar parts:
```text
DRA 124 - 4R7 - R
| | | |
| | | └─ RoHS Compliant
| | └─ Inductance Value (4R7 = 4.7µH)
| └─ Size Dimensions (Approx. 12mm width, 4mm height)
└─ Series Name (Automotive High Power)
```
- ⤷
What are the direct equivalents for this inductor from other manufacturers?
- ⤷ How does the saturation current affect the performance of this inductor in a circuit?
- ⤷ What is the significance of the AEC-Q200 qualification for this part?