DRA124-820-R
AI

The **DRA124-820-R** is a high-power, shielded drum core inductor manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the DRA series, specifically designed for automotive and industrial applications requiring high power density and reliability.
---
### 1. Key Technical Specifications
The part number follows a specific naming convention that defines its physical and electrical characteristics.
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 82.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 148 mΩ (Nominal) |
| **Irms (Rated Current)** | 1.84 Amperes |
| **Isat (Saturation Current)** | 2.05 Amperes |
| **Shielding** | Magnetically Shielded |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -40°C to +165°C |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps in identifying the component's footprint and values:
1. **DRA**: Series name (Automotive High Power Density).
2. **124**: Physical dimensions (approx. 12.5mm x 12.5mm x 4.5mm).
3. **820**: Inductance code ($82 \times 10^0$ = 82 µH).
4. **R**: RoHS compliant.
---
### 3. Key Electronic Features
* **Magnetic Shielding:** The component is enclosed in a ferrite core. This minimizes Electromagnetic Interference (EMI), preventing the inductor's magnetic field from affecting nearby sensitive components on the PCB.
* **High Temperature Rating:** Unlike standard consumer inductors, the DRA series is AEC-Q200 qualified, meaning it can handle the extreme heat found in automotive engine compartments (up to 165°C).
* **High Power Density:** It is designed to provide high inductance and current handling in a relatively low-profile SMT package.
---
### 4. Common Applications
The DRA124-820-R is typically found in the following circuits:
* **DC-DC Converters:** Used for energy storage in buck, boost, or SEPIC converters.
* **Automotive Electronics:** Powering Infotainment systems, ECU power supplies, and LED lighting.
* **Industrial Controls:** Power regulation for heavy-duty machinery sensors and controllers.
* **Noise Filtering:** Used as a choke to filter out high-frequency noise in power lines.
---
- ⤷What is the difference between Irms and Isat in this inductor?
- ⤷ What are the recommended footprint dimensions for the DRA124 series?
- ⤷ Can this inductor be used in a high-frequency switching regulator above 1MHz?