AI

## Technical Overview of DRA127-101-R
The **DRA127-101-R** is a high-power, shielded drum core inductor manufactured by **Eaton (formerly Bussmann/Coiltronics)**. It is part of the DRA series, which is specifically designed for high-temperature and high-reliability environments, such as automotive and industrial power supplies.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 100 µH |
| **Inductance Tolerance** | ±20% |
| **Current Rating (Irms)** | 2.16 Amperes |
| **Saturation Current (Isat)** | 2.47 Amperes |
| **DC Resistance (DCR)** | 148 mΩ (Max) |
| **Operating Temperature** | -40°C to +165°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Size / Dimension** | 12.5mm x 12.5mm x 8.0mm |
---
### 2. Physical Construction and Features
* **Shielded Construction:** The inductor features a magnetic shield, which reduces Electromagnetic Interference (EMI) and prevents the magnetic field from interfering with neighboring components.
* **Drum Core Design:** The "127" in the part number signifies the size (roughly 12.5mm wide and 7mm-8mm high). The drum core allows for high power density.
* **Automotive Grade:** It is **AEC-Q200** qualified, meaning it has passed rigorous stress tests for mechanical shock, vibration, and thermal cycling.
* **Material:** The "R" suffix indicates that the part is RoHS compliant (lead-free).
---
### 3. Applications and Usage
The DRA127-101-R is typically found in power management circuits where high inductance and high-temperature stability are required:
1. **Buck/Boost Converters:** Used as an energy storage element in DC-DC converters to smooth out voltage ripples.
2. **Automotive Electronics:** Engine control units (ECUs), LED lighting drivers, and infotainment systems.
3. **Industrial Controls:** Power supplies for factory automation that operate in hot environments.
4. **Filters:** Used in input/output filter circuits to reduce noise in power lines.
---
### 4. Interpretation of the Part Number
* **DRA:** Series name (High power, shielded, high temp).
* **127:** Case size (12.5mm x 12.5mm x 8.0mm).
* **101:** Inductance code (10 + one zero = 100 µH).
* **R:** RoHS compliant.
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Can you suggest an alternative inductor with a higher saturation current?
- ⤷ How does the shielding in this part affect its EMI performance?