AI

The **DRA127-151-R** is a high-power, shielded drum core inductor manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the DRA series, specifically designed for automotive and high-reliability industrial applications.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 150 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.359 Ω (Typical) |
| **RMS Current (Irms)** | 1.63 A |
| **Saturation Current (Isat)** | 1.76 A |
| **Shielding** | Magnetically Shielded |
| **Operating Temperature** | -40°C to +165°C |
| **Package / Case** | 12.5mm x 12.5mm x 8.0mm |
---
### ### Key Features
1. **AEC-Q200 Qualified:** This part is automotive grade, meaning it has undergone rigorous stress testing for mechanical shock, vibration, and thermal cycling.
2. **High Temperature Range:** Rated up to **165°C**, making it suitable for under-the-hood automotive environments or dense power supplies with high heat dissipation.
3. **Magnetic Shielding:** The design minimizes Electromagnetic Interference (EMI), protecting sensitive nearby components from magnetic flux leakage.
4. **High Power Density:** Despite its relatively small footprint (12.5mm square), it handles high saturation currents effectively.
---
### ### Common Applications
* **Automotive Electronics:** Engine control units (ECUs), LED lighting drivers, and infotainment power rails.
* **DC-DC Converters:** Used as a storage inductor in buck, boost, or SEPIC topologies.
* **Industrial Controls:** Power supplies for factory automation where reliability and heat resistance are critical.
* **Filtering:** Used in input/output filter circuits to reduce ripple and noise.
---
### ### Part Number Breakdown
`DRA 127 - 151 - R`
* **DRA:** Product Series (Dual Winding/Drum Core, Automotive)
* **127:** Size Dimensions (approx. 12.5mm x 7mm height)
* **151:** Inductance Code (15 followed by 1 zero = **150 µH**)
* **R:** RoHS Compliant
- ⤷
What are the alternative inductors with similar footprints but higher current ratings?
- ⤷ How does the saturation current (Isat) affect this inductor's performance in a buck converter?
- ⤷ What is the difference between the DRA and DR series from Eaton?