AI

## Technical Overview: DRA73-471-R
The **DRA73-471-R** is a high-performance, shielded power inductor designed by Eaton (formerly Cooper Bussmann). It belongs to the **DRA series**, which is specifically engineered for high-power density and high-temperature environments, typically automotive applications.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 470 µH (Microhenries) |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 0.449 Amps |
| **Saturation Current (Isat)** | 0.531 Amps |
| **DC Resistance (DCR)** | 1.488 Ohms (Typical) |
| **Operating Temperature** | -40°C to +165°C |
| **Dimensions** | 7.6mm x 7.6mm x 3.55mm |
| **Shielding** | Magnetically Shielded (Low EMI) |
---
### 2. Core Features & Construction
* **AEC-Q200 Qualified:** This is the most critical feature for automotive use, ensuring the part can withstand mechanical shock, vibration, and extreme thermal cycling.
* **Magnetic Shielding:** The part is enclosed in a ferrite drum core with a ferrite sleeve. This contains the magnetic flux, minimizing **Electromagnetic Interference (EMI)** with nearby sensitive components.
* **High Temperature Stability:** Unlike standard inductors that fail at 125°C, the DRA73 series is rated up to **165°C**, making it suitable for under-the-hood automotive electronics.
* **SMD Design:** It is a surface-mount device (SMD) optimized for automated pick-and-place assembly.
---
### 3. Common Applications
The high inductance (470 µH) and high-temperature rating make this part ideal for:
1. **Automotive Electronics:** Engine Control Units (ECUs), LED lighting drivers, and infotainment systems.
2. **DC-DC Converters:** Used as energy storage elements in buck, boost, or SEPIC converters.
3. **Industrial Controls:** Power supplies for sensors and actuators in harsh environments.
4. **Filtering:** Used in Pi-filters to smooth out ripple current in power lines.
---
### 4. Part Number Breakdown
The part number provides specific manufacturing details:
* **DRA:** Series name (Automotive High Power Density).
* **73:** Size Code (approx. 7mm width, 3mm height).
* **471:** Inductance value in pF (47 + one zero = 470 µH).
* **R:** RoHS compliant.
---
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?
- ⤷ What are the recommended soldering profile requirements for the DRA73 series?