DRA73-680-R
AI

The **DRA73-680-R** is a specific surface-mount power inductor designed for automotive and high-reliability industrial applications. It is manufactured by **Eaton (formerly Cooper Bussmann)**.
---
## 1. Component Overview
The DRA series (Dual-Winding Inductor) is known for its high power density and rugged construction. The "680" in the part number indicates its inductance value.
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 68 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | ~0.89 Amps (Approx. 40°C rise) |
| **Saturation Current (Isat)** | ~0.94 Amps (30% drop in L) |
| **DC Resistance (DCR)** | ~0.457 Ohms (Typical) |
| **Operating Temperature** | -40°C to +165°C |
| **Package / Case** | 7.6mm x 7.6mm x 3.55mm |
---
## 2. Key Characteristics
The DRA73-680-R is engineered for performance in harsh environments:
* **Shielded Construction:** The inductor is magnetically shielded, which minimizes Electromagnetic Interference (EMI) with neighboring components.
* **AEC-Q200 Qualified:** It meets automotive grade quality standards, meaning it can withstand high levels of thermal shock, mechanical vibration, and humidity.
* **High Temperature Stability:** Its ability to operate up to 165°C makes it suitable for engine compartment electronics.
* **Ferrite Core:** Utilizes a ferrite core material that provides low core losses at high switching frequencies.
---
## 3. Applications
This part is commonly found in circuits requiring energy storage and noise filtering:
1. **Automotive Electronics:** Used in Engine Control Units (ECUs), LED lighting drivers, and infotainment systems.
2. **DC-DC Converters:** Acts as the primary energy storage element in buck, boost, or buck-boost converters.
3. **Noise Filtering:** Used in input/output filters to smooth out voltage ripples.
4. **Industrial Controls:** Suitable for robotics and heavy machinery sensors where space is limited but reliability is critical.
---
## 4. Part Number Breakdown
Understanding the nomenclature helps in selecting alternatives:
| Segment | Meaning |
| :--- | :--- |
| **DRA** | Series name (High power density, shielded) |
| **73** | Size Code (Approx. 7.6mm x 7.6mm x 3.55mm) |
| **680** | Inductance Code (68 followed by 0 zeros = 68 µH) |
| **-R** | RoHS compliant / Lead-free |
- ⤷
What are the recommended soldering profiles for the DRA73 series?
- ⤷ How does the saturation current change if the temperature exceeds 125°C?
- ⤷ Are there equivalent inductors from other manufacturers like TDK or Murata?