AI

The **DRAQ75-150-R** is a high-performance power inductor part of the DRAQ series manufactured by **Eaton (formerly Bussmann/Coiltronics)**. This component is specifically designed for automotive applications and high-power density electronics.
---
### 1. Key Technical Specifications
The part number "DRAQ75-150-R" encodes specific technical data:
| Parameter | Specification | Details |
|:---|:---|:---|
| **Inductance** | 15.0 µH | Rated at 100 kHz, 0.1 Vrms |
| **DC Resistance (DCR)** | 0.053 Ω (Typ) | Typical resistance at 20°C |
| **Isat (Saturation Current)** | 4.80 A | Current at which inductance drops ~30% |
| **Irms (Heating Current)** | 3.52 A | Current causing a 40°C temperature rise |
| **Tolerance** | ±20% | Standard inductance tolerance |
| **Operating Temp** | -40°C to +165°C | High-temperature automotive grade |
---
### 2. Design and Construction
The DRAQ series is distinct because of its **dual-winding** or **coupled inductor** configuration, though it is often used as a single high-power inductor.
* **Magnetically Shielded:** The core is encapsulated to minimize Electromagnetic Interference (EMI), which is critical in sensitive automotive circuits.
* **Dual Winding:** It consists of two identical windings that can be connected in series or parallel to double the inductance or the current capacity, respectively.
* **AEC-Q200 Qualified:** It meets rigorous stress-test standards for automotive environments (vibration, thermal shock, and moisture).
---
### 3. Connection Configurations
Because this is a coupled inductor with four terminals, it offers versatility:
| Configuration | Inductance | Current Capacity |
|:---|:---|:---|
| **Series** | 60 µH (approx) | Lower Current |
| **Parallel** | 15 µH | Higher Current |
| **Transformer** | 1:1 Ratio | Isolation / SEPIC mode |
---
### 4. Common Applications
Due to its ruggedness and efficiency, the DRAQ75-150-R is typically found in:
* **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
* **Automotive Electronics:** Power steering, LED lighting, and engine control units (ECU).
* **Industrial Power Supplies:** Where high reliability and small footprint are required.
* **Battery Powered Systems:** High efficiency helps extend battery life.
---
### 5. Part Number Breakdown
```text
DRAQ 75 - 150 - R
| | | |
| | | +-- RoHS Compliant
| | +------- Inductance Code (150 = 15.0 µH)
| +------------ Size Dimension (Approx 7.6mm x 7.6mm)
+----------------- Series Name (Dual Winding, Automotive Grade)
```
- ⤷
What is the difference between connecting the DRAQ75-150-R in series versus parallel?
- ⤷ Can this inductor be used in a SEPIC converter topology?
- ⤷ What are the footprint dimensions for the DRAQ75 series?