DRQ125-151-R
AI

## Overview of DRQ125-151-R
The **DRQ125-151-R** is a high-power, shielded dual-winding inductor (coupled inductor) manufactured by Eaton (formerly Bussmann). It belongs to the **DRQ series**, which is designed for applications requiring high efficiency and compact footprints.
---
### Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 150 µH (nominal) |
| **Inductance Tolerance** | ±20% |
| **DC Resistance (DCR)** | 352 mΩ (max per winding) |
| **Isat (Saturation Current)** | 1.83 A |
| **Irms (Rated Current)** | 1.25 A |
| **Configuration** | Dual Winding (Coupled) |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -40°C to +125°C |
---
### Key Features
1. **Dual Winding Design:** It contains two identical windings that can be connected in series or parallel. This provides flexibility for different voltage or current requirements.
2. **Magnetic Shielding:** The part is magnetically shielded to minimize Electromagnetic Interference (EMI), making it suitable for noise-sensitive circuits.
3. **High Power Density:** Despite its small size (approx. 12.5mm x 12.5mm), it handles significant current and energy storage.
4. **Halogen Free & RoHS Compliant:** Meets modern environmental safety standards.
---
### Common Applications
The DRQ125-151-R is versatile and commonly found in the following power electronics configurations:
* **SEPIC Converters:** Used as a coupled inductor to simplify the design and improve efficiency.
* **Flyback Transformers:** Can act as a 1:1 transformer for isolated power supplies.
* **Buck/Boost Converters:** Used for energy storage in DC-DC conversion.
* **Common Mode Chokes:** Can be wired to filter out high-frequency noise in power lines.
---
### Connection Schematics
Depending on your circuit needs, the two windings (Pin 1-2 and Pin 3-4) can be utilized as follows:
```text
Parallel Connection:
- Connect Pin 1 to Pin 3 (Input)
- Connect Pin 2 to Pin 4 (Output)
- Result: Lower DCR, Higher Current, Same Inductance (150µH)
Series Connection:
- Connect Pin 2 to Pin 3
- Use Pin 1 and Pin 4 as terminals
- Result: 4x Inductance (600µH), Higher DCR, Same Saturation
```
- ⤷What is the difference between parallel and series wiring for this inductor?
- ⤷ Can this part be used in automotive applications?
- ⤷ What are the physical dimensions and footprint for the DRQ125 series?