DRQ125-2R2-R
AI

## Overview of DRQ125-2R2-R
The **DRQ125-2R2-R** is a high-power, shielded dual-winding inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the DRQ series, which is specifically designed for high-density, high-efficiency power conversion applications.
---
### 1. Key Technical Specifications
The part number encodes specific characteristics of the component. Below is a breakdown of its primary electrical parameters:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 2.2 µH |
| **Tolerance** | ±20% |
| **Rated Current (Irms)** | 12.8 Amps |
| **Saturation Current (Isat)** | 19.3 Amps |
| **DC Resistance (DCR)** | 5.56 mΩ (Max) |
| **Configuration** | Dual Winding (4 Terminals) |
| **Shielding** | Magnetically Shielded |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Dimensions and Construction
The "125" in the part number refers to the case size, which is standardized for surface mount technology (SMT).
* **Footprint:** Approximately 12.5mm x 12.5mm.
* **Height:** 6.0mm (Maximum).
* **Core Material:** Ferrite (provides low core losses at high frequencies).
* **Packaging:** Available in Tape and Reel for automated assembly.
---
### 3. Functional Features
#### Dual Winding Capability
Because this inductor has two separate windings, it is highly versatile. It can be configured in three ways:
1. **Series:** Increases total inductance.
2. **Parallel:** Increases current handling capability.
3. **1:1 Transformer:** Can be used as a coupled inductor or a SEPIC (Single-Ended Primary-Inductor Converter) inductor.
#### Low EMI (Electromagnetic Interference)
The **magnetically shielded** construction ensures that the magnetic flux remains contained within the component. This prevents interference with sensitive nearby components on the PCB.
---
### 4. Common Applications
The DRQ125-2R2-R is commonly found in the following electronic circuits:
* **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
* **Power Supplies:** Used in industrial, automotive, and telecommunications equipment.
* **Battery Powered Systems:** High efficiency makes it ideal for extending battery life.
* **Computer Peripherals:** Voltage Regulator Modules (VRMs) for CPUs and GPUs.
---
- ⤷
How do I calculate the total inductance when connecting the windings in series versus parallel?
- ⤷ What are the specific benefits of using a shielded inductor like the DRQ125 in automotive electronics?
- ⤷ Can this component be used as a common-mode choke?