DRQ127-101-R
AI

## Analysis of the DRQ127-101-R Electronic Component
The **DRQ127-101-R** is a high-power, shielded dual-winding inductor (coupled inductor) manufactured by **Eaton (formerly Coiltronics)**. It is part of the DRQ series, known for its versatility in power conversion circuits.
---
### 1. Technical Specifications
Below are the key electrical and physical parameters for the `101-R` variant:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 100 µH (Nominal) |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.208 Ω (Typical) |
| **Irms (Root Mean Square Current)** | 1.83 Amps |
| **Isat (Saturation Current)** | 2.14 Amps |
| **Construction** | Dual Winding (Coupled) |
| **Shielding** | Magnetically Shielded |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Dimensions
The "127" in the part number refers to the package size, which is approximately **12.5mm x 12.5mm**.
* **Length:** 12.5 mm
* **Width:** 12.5 mm
* **Height:** 8.0 mm (Maximum)
---
### 3. Key Features and Applications
The DRQ127-101-R is unique because it contains **two identical windings** that can be connected in various configurations.
#### Common Wiring Configurations:
1. **Series Connection:** Doubles the inductance (400 µH) but maintains the same current rating.
2. **Parallel Connection:** Keeps the inductance at 100 µH but increases the current handling capacity.
3. **Transformer Mode:** Acts as a 1:1 transformer for isolation or voltage level shifting.
#### Typical Applications:
* **SEPIC Converters:** Used as the coupling inductor to maintain steady energy flow.
* **Flyback Transformers:** Suitable for low-power isolated DC-DC conversion.
* **Buck/Boost Converters:** High-efficiency power regulation.
* **Common Mode Chokes:** Filtering noise in power lines.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps identify other parts in the series:
* **DRQ:** Dual Winding, Shielded Drum Core.
* **127:** Case size (12.5mm x 8.0mm).
* **101:** Inductance code (10 + 1 zero = 100 µH).
* **-R:** RoHS compliant / Lead-free.
---
- ⤷
What is the difference between connecting the windings in series versus parallel for this specific inductor?
- ⤷ Can the DRQ127-101-R be used as a 1:1 isolation transformer?
- ⤷ What are the advantages of the magnetic shielding in the DRQ series?