DRQ73-220-R
AI

## Overview of DRQ73-220-R
The **DRQ73-220-R** is a high-power density, dual-winding shielded inductor manufactured by **Eaton (formerly Bussmann)**. It belongs to the **DRQ series**, which is specifically designed for applications requiring high efficiency and compact footprints.
---
### 1. Key Technical Specifications
The following table outlines the fundamental electronic characteristics of the DRQ73-220-R:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 22.0 µH (nominal) |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.115 Ω (max) |
| **Saturation Current ($I_{sat}$)** | 1.83 A |
| **RMS Current ($I_{rms}$)** | 1.48 A |
| **Configuration** | Dual Winding (Coupled) |
| **Shielding** | Magnetically Shielded |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Functional Design & Construction
The "Dual Winding" nature of this component makes it versatile compared to standard single-winding inductors.
* **Coupled Inductor:** It consists of two separate coils wound on a single ferrite core.
* **Magnetically Shielded:** The drum core is enclosed in a ferrite sleeve, which minimizes Electro-Magnetic Interference (EMI) and prevents the magnetic field from affecting nearby components.
* **Operating Temperature:** Typically rated for **-40°C to +125°C**, making it suitable for automotive and industrial environments.
---
### 3. Common Circuit Applications
Because it has two windings, the DRQ73-220-R can be used in several ways:
1. **1:1 Transformer:** It can be used as an isolation transformer or for signal coupling.
2. **SEPIC Converters:** Ideal for Single-Ended Primary-Inductor Converters where two inductors are required to maintain a constant output voltage regardless of input voltage.
3. **Common Mode Choke:** When wired correctly, it can be used to filter out noise in power lines.
4. **Parallel/Series Connection:**
* **Parallel:** Increases current carrying capacity.
* **Series:** Increases total inductance.
---
### 4. Naming Convention Breakdown
| Part Segment | Meaning |
| :--- | :--- |
| **DRQ** | Dual Winding, Shielded Drum Core Series |
| **73** | Size Code (Approx. 7.6mm x 7.6mm x 3.5mm) |
| **220** | Inductance Code (22 followed by 0 zeros = 22 µH) |
| **-R** | RoHS Compliant |
- ⤷
What are the wiring differences between using this as a SEPIC inductor versus a common mode choke?
- ⤷ How does the saturation current change if the windings are connected in series?
- ⤷ Are there automotive-grade (AEC-Q200) alternatives to the DRQ73 series?