DSP2A-DC12V-R
AI

## Electronic Specifications: DSP2A-DC12V-R
The **DSP2A-DC12V-R** is a high-sensitivity, miniature power relay manufactured by **Panasonic (formerly Matsushita)**. It is widely used in automation and control circuits due to its compact size and high switching capacity.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the specific features of this variant:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **DSP** | Series Name | High sensitivity, polarized power relay |
| **2A** | Contact Form | 2 Form A (DPST-NO: Double Pole Single Throw, Normally Open) |
| **DC12V** | Nominal Voltage | 12V Direct Current coil |
| **R** | Special Feature | Reverse polarity type (usually refers to pin orientation/layout) |
---
### 2. Technical Specifications
Below are the primary electrical and mechanical characteristics:
#### **Coil Data (Input)**
* **Nominal Operating Voltage:** 12V DC
* **Pick-up Voltage:** Max 80% of nominal (approx. 9.6V)
* **Drop-out Voltage:** Min 10% of nominal (approx. 1.2V)
* **Nominal Operating Power:** ~300 mW
* **Coil Resistance:** ~480 $\Omega$ (subject to tolerance)
#### **Contact Data (Output)**
* **Contact Arrangement:** 2 Form A (2 NO)
* **Contact Material:** Gold-clad silver alloy
* **Max. Switching Voltage:** 250V AC / 30V DC
* **Max. Switching Current:** 5A (AC/DC)
* **Max. Switching Power:** 1,250 VA / 150 W
---
### 3. Key Features
* **High Sensitivity:** Requires low power to actuate the coil, making it suitable for direct drive by some ICs or small transistors.
* **High Breakdown Voltage:** Provides 3,000V RMS between contacts and coil, ensuring safety and isolation.
* **Compact Design:** Ideal for high-density PCB mounting.
* **Polarized:** Uses a permanent magnet to achieve high sensitivity (note: coil polarity must be observed).
---
### 4. Circuit Example (Driving the Relay)
Since this is a polarized DC relay, a flyback diode is essential to protect the driving circuit from inductive spikes.
```cpp
// Schematic Logic
[Control Signal] --> [Transistor Base]
|
(VCC 12V) ----+---- [Relay Coil (+)]
| |
[Flyback Diode] |
| |
(GND) --------+---- [Relay Coil (-)]
```
---
- ⤷
What is the difference between the 'R' and non-'R' versions of this relay?
- ⤷ Can this relay be used to switch 240V AC mains directly?
- ⤷ What is the life expectancy (mechanical vs electrical) for the DSP2A series?