DSS-CSS
AI

Direct Sequence Spread Spectrum (DSSS) and Complementary Code Keying (CCK) are fundamental modulation techniques used in wireless communication, most notably in the IEEE 802.11 (Wi-Fi) standards.
---
### 1. Direct Sequence Spread Spectrum (DSSS)
DSSS is a transmission method where the signal occupies more bandwidth than the information baseband requires. This is achieved by multiplying the data with a "chipping code."
#### Key Electronic Components/Processes:
* **PN Code Generator:** Generates a Pseudo-random Noise (PN) sequence (e.g., Barker Code).
* **Modulator/Multiplier:** Combines the low-speed data bits with the high-speed chips.
* **Phase Shift Keying (PSK):** Usually, BPSK or QPSK is used to modulate the resulting spread signal onto a carrier frequency.
* **Correlator (Receiver Side):** Extracts the original signal by multiplying the received spread signal with the exact same PN code.
| Feature | Description |
| :--- | :--- |
| **Spreading Code** | 11-bit Barker Sequence (10110111000) |
| **Data Rates** | 1 Mbps and 2 Mbps |
| **Bandwidth** | Typically 22 MHz per channel |
| **Resilience** | High resistance to interference and jamming |
---
### 2. Complementary Code Keying (CCK)
CCK was introduced in 802.11b to increase data rates beyond 2 Mbps without increasing the bandwidth. It replaces the fixed Barker code used in DSSS with a set of complex "complementary codes."
#### Electronic Functionality:
Instead of using one static spreading sequence, CCK uses a set of 64 unique 8-chip code words. The electronic circuitry selects one of these 64 codes based on the data bits being sent.
* **Mapping Unit:** Groups input data into 8-bit symbols.
* **Complex Code Generator:** Mathematically derives a complex sequence using Phase Shift Keying (QPSK) variations.
* **I/Q Modulator:** Handles the In-phase and Quadrature components of the complex codes for transmission.
| Feature | Description |
| :--- | :--- |
| **Data Rates** | 5.5 Mbps and 11 Mbps |
| **Code Length** | 8 chips per symbol |
| **Compatibility** | Backward compatible with DSSS infrastructure |
| **Efficiency** | Higher spectral efficiency than standard DSSS |
---
### Comparison Summary
| Parameter | DSSS (Barker) | CCK |
| :--- | :--- | :--- |
| **Standard** | 802.11 | 802.11b |
| **Complexity** | Low | Moderate |
| **Chipping Sequence** | Fixed (11-bit) | Variable (set of 64 codes) |
| **Noise Immunity** | Excellent | Good |
- ⤷
How does the Barker Code improve signal reliability in DSSS?
- ⤷ What are the specific mathematical differences between a PN code and a CCK code?
- ⤷ Why did modern Wi-Fi standards move from DSSS/CCK to OFDM?