DT-1-R
AI

The **DT-1-R** typically refers to a specific type of **surface-mount (SMD) delay line** or a high-precision **resistor/component series** depending on the manufacturer. However, in the context of electronic components, it is most commonly associated with timing modules or specialized delay lines.
Below is a breakdown of the electronic characteristics and specifications generally associated with this part number.
---
## 1. Component Overview
The DT-1-R is often categorized as a passive or semi-active timing component used to delay electrical signals by a specific duration (measured in nanoseconds).
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Delay Line / Precision Passive |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Common Package** | 3-pin or 5-pin small outline |
| **Lead Finish** | RoHS Compliant (indicated by the "-R" suffix) |
| **Impedance** | Usually 50Ω to 100Ω (application dependent) |
---
## 2. Key Internal Elements
The electronic internal structure of a DT-1-R component typically consists of:
* **Inductor-Capacitor (LC) Network:** Most delay lines use a series of miniature inductors and capacitors to create a phase shift, resulting in a time delay.
* **Termination Resistors:** High-precision resistors integrated to match characteristic impedance and prevent signal reflection.
* **Encapsulation:** High-grade epoxy or ceramic housing to ensure thermal stability and protection from interference.
---
## 3. Function of the Suffixes
In electronic part numbering, the letters attached to "DT-1" provide critical information:
1. **"DT"**: Usually identifies the series (Delay Timer or Digital Timing).
2. **"1"**: Often refers to the specific delay interval or a version number.
3. **"-R"**: This almost universally stands for **RoHS Compliant** (Lead-Free) or **Tape & Reel** packaging for automated assembly lines.
---
## 4. Typical Applications
These parts are found in high-precision circuits where timing is critical:
* **Digital Communication:** Aligning clock signals across different PCB traces.
* **Memory Modules:** Synchronizing data strobe signals.
* **Test & Measurement:** Used in oscilloscopes and signal generators to calibrate signal paths.
---
- ⤷
What is the specific delay time (nanoseconds) for the DT-1-R variant?
- ⤷ Which manufacturer produces the DT-1-R component?
- ⤷ What are the soldering temperature profiles for this SMD part?