DTA143T-AE3-R
AI

The **DTA143T-AE3-R** is a digital transistor (also known as a Resistor-Equipped Transistor or RET) produced by various manufacturers (notably UTC and ROHM). It is a PNP-type transistor designed to simplify circuit design by integrating bias resistors.
---
### 1. General Specifications
This component is primarily used as a switch or in interface circuits where it replaces a standard transistor and an external resistor network.
| Property | Value |
| :--- | :--- |
| **Transistor Type** | PNP |
| **Package** | SOT-23 |
| **Built-in Bias Resistor (R1)** | 4.7 kΩ |
| **Built-in Bias Resistor (R2)** | None (Open) |
| **Collector-Emitter Voltage ($V_{CEO}$)** | -50 V |
| **Collector Current ($I_C$)** | -100 mA |
| **Power Dissipation ($P_D$)** | 200 mW |
---
### 2. Internal Structure and Resistor Configuration
Unlike standard transistors, the "T" series (DTA143T) features a specific internal resistor configuration:
- **R1 (Input Resistor):** 4.7 kΩ. This resistor is connected in series with the base.
- **R2 (Base-Emitter Resistor):** Not present in the "T" version. This makes it a "single-resistor" digital transistor.
- **Benefit:** It allows the transistor to be driven directly by logic gates without needing an external current-limiting resistor, saving PCB space and reducing component count.
---
### 3. Pinout Configuration (SOT-23)
The SOT-23 package typically follows this standard layout for the DTA series:
| Pin Number | Designation | Function |
| :--- | :--- | :--- |
| **1** | **Base (IN)** | Input signal through the 4.7kΩ resistor |
| **2** | **Emitter (GND)** | Connection to the positive supply (for PNP) |
| **3** | **Collector (OUT)** | Output / Load connection |
---
### 4. Key Applications
* **Inverters:** Converting a high logic signal to a low output.
* **Switching:** Driving small relays, LEDs, or other low-current peripherals.
* **Interface Circuits:** Connecting different logic levels between ICs.
* **Space-constrained designs:** Where minimizing the number of discrete SMD components is critical.
---
### 5. Equivalent Circuit Logic
```text
(Emitter)
|
______|______
| |
(Base) |---[ 4.7k ]--| B
| |
| PNP |
| Trans. |
|_____________|
|
(Collector)
```
- ⤷
What is the difference between DTA143T and DTA143X?
- ⤷ Can this transistor be used for high-frequency PWM switching?
- ⤷ How do I calculate the saturation voltage for this PNP transistor?