DTC124EG-AL3-R
AI

## Overview of DTC124EG-AL3-R
The **DTC124EG-AL3-R** is a **NPN Digital Transistor** (also known as a Pre-biased Transistor or Resistor-Equipped Transistor). It is designed to simplify circuit design by integrating a standard bipolar junction transistor (BJT) with an internal bias resistor network.
---
### 1. Internal Configuration
Unlike a standard transistor, this device includes two integrated resistors:
* **Series Base Resistor (R1):** Limits the input current.
* **Base-Emitter Resistor (R2):** Acts as a pull-down resistor to ensure the transistor stays off when the input is floating.
| Component | Value (Typical) |
| :--- | :--- |
| **R1 (Input Resistor)** | 22 kΩ |
| **R2 (Base-Emitter Resistor)** | 22 kΩ |
| **Ratio (R1/R2)** | 1.0 |
---
### 2. Key Specifications
The following table highlights the absolute maximum ratings and electrical characteristics:
| Parameter | Symbol | Rating/Value |
| :--- | :--- | :--- |
| **Collector-Base Voltage** | $V_{CBO}$ | 50 V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | 50 V |
| **Emitter-Base Voltage** | $V_{EBO}$ | 10 V |
| **Collector Current** | $I_C$ | 100 mA |
| **Input Voltage** | $V_{in}$ | -10 V to +40 V |
| **Power Dissipation** | $P_D$ | 150 mW (SOT-23 typical) |
---
### 3. Features and Benefits
* **Space Saving:** Reduces the number of external components (replaces one transistor and two resistors).
* **Simplified Design:** Allows the transistor to be driven directly by digital logic gates (TTL/CMOS) without external current-limiting resistors.
* **Reliability:** Internal resistors are matched and integrated, reducing solder point failures.
---
### 4. Application Examples
Digital transistors are primarily used for switching applications:
1. **Inverters:** Inverting digital logic signals.
2. **Interface Circuits:** Connecting a high-voltage load to a low-voltage microcontroller pin.
3. **Driver Circuits:** Switching small relays, LEDs, or buzzers.
---
### 5. Part Number Breakdown (UTC Standard)
* **DTC:** Digital Transistor (NPN)
* **124:** Code for resistor values (22k / 22k)
* **E:** Built-in resistor type
* **AL3:** Package code (usually indicates SOT-23)
* **R:** Tape and Reel packaging / RoHS compliant
- ⤷
What is the difference between an NPN digital transistor (DTC) and a PNP digital transistor (DTA)?
- ⤷ How do you calculate the saturation voltage for this transistor when used as a switch?
- ⤷ Can this transistor be used for analog signal amplification?