DTC143XG-AE3-R
AI

## DTC143XG-AE3-R: Digital Transistor Overview
The **DTC143XG-AE3-R** is an NPN Pre-biased Digital Transistor (also known as a Resistor-Equipped Transistor or RET). It is designed to simplify circuit design by integrating a series input resistor and a base-emitter bias resistor into a single package.
---
### 1. Key Specifications
The following table highlights the primary electrical characteristics of the device:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-Base Voltage** | $V_{CBO}$ | 50 | V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | 50 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | 5 | V |
| **Collector Current** | $I_C$ | 100 | mA |
| **Input Resistor (Series)** | $R_1$ | 4.7 | kΩ |
| **Bias Resistor (B-E)** | $R_2$ | 10 | kΩ |
| **Package Type** | SOT-23 | --- | --- |
---
### 2. Internal Structure and Circuit
Unlike a standard Bipolar Junction Transistor (BJT), the DTC143XG includes an internal resistor network.
* **R1 (Input Resistor):** Limits the input current and allows the transistor to be driven directly by logic gates (TTL/CMOS) without an external resistor.
* **R2 (Base-Emitter Resistor):** Ensures the transistor remains in the "OFF" state when the input is floating and helps prevent leakage current issues.
---
### 3. Part Number Decoding
The suffix and prefix breakdown for this specific part:
* **DTC:** Digital Transistor (NPN).
* **143:** Indicates the resistor combination ($R_1 = 4.7kΩ$, $R_2 = 10kΩ$).
* **XG:** Sub-series variation (Gain/Resistor ratio).
* **AE3:** Refers to the **SOT-23** package type.
* **R:** Tape and Reel packaging (standard for automated SMT assembly).
---
### 4. Applications
The DTC143XG is primarily used for switching and interfacing in compact electronic designs:
1. **Inverters:** Inverting logic signals between different circuit stages.
2. **Interface Circuits:** Connecting Microcontrollers (MCU) to loads like LEDs or small relays.
3. **Drivers:** Switching small loads (up to 100mA) in consumer electronics and automotive modules.
---
- ⤷
What is the difference between an NPN and PNP digital transistor?
- ⤷ Can the DTC143XG-AE3-R be used for high-frequency switching?
- ⤷ How do I calculate the input threshold voltage for this specific transistor?