DTC144E-AL3-R
AI

### DTC144E-AL3-R: Electronic Specifications and Overview
The **DTC144E-AL3-R** is a **Digital Transistor** (also known as a Pre-biased Transistor or Resistor-Equipped Transistor - RET). It is an NPN silicon epitaxial planar transistor with integrated resistors.
---
### 1. Key Component Features
| Feature | Description |
| :--- | :--- |
| **Transistor Type** | NPN |
| **Configuration** | Built-in bias resistors ($R_1$ and $R_2$) |
| **Resistor Values** | $R_1 = 47\text{ k}\Omega$, $R_2 = 47\text{ k}\Omega$ |
| **Package Type** | SOT-23 / SOT-323 / SOT-523 (Varies by manufacturer, usually small signal surface mount) |
| **Function** | Inverter, Interface circuit, Driver circuit |
---
### 2. Internal Circuit Structure
The "Digital" nature of this part comes from the internal resistor network, which allows the transistor to be driven directly by a logic signal without an external base resistor.
```text
(Collector)
|
/
B ---| NPN Transistor
(Base) \
|
(Emitter)
Internal Layout:
Input (B) ----[ R1 ]----+---- (Base of Transistor)
|
[ R2 ]
|
(Emitter)
```
---
### 3. Absolute Maximum Ratings ($T_a = 25^\circ\text{C}$)
These values represent the stress limits of the component.
| Parameter | Symbol | Rating | Unit |
| :--- | :--- | :--- | :--- |
| Supply Voltage | $V_{CC}$ | 50 | V |
| Input Voltage | $V_{IN}$ | -10 to +40 | V |
| Output Current | $I_O$ | 30 | mA |
| Peak Collector Current | $I_{C(Max)}$ | 100 | mA |
| Power Dissipation | $P_D$ | 150 - 200 | mW |
---
### 4. Typical Applications
* **Switching:** Used to turn on/off small loads like LEDs or relays.
* **Inversion:** Used in logic circuits to invert a high signal to a low signal.
* **Interface:** Connecting high-voltage peripherals to low-voltage Microcontrollers (MCU) or Digital Signal Processors (DSP).
---
### 5. Benefits of Using DTC144E
1. **Space Saving:** Eliminates the need for two external resistors ($R_1$ and $R_2$).
2. **Cost Reduction:** Fewer components on the Bill of Materials (BOM).
3. **Reliability:** Reduced solder joints on the PCB, lowering the potential for manufacturing defects.
- ⤷
What is the difference between an NPN and PNP digital transistor?
- ⤷ Can the DTC144E be used for high-speed switching applications?
- ⤷ How do I calculate the input threshold voltage for this specific transistor?