Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • DXXX-PQ-R4

  • AI
    The **DXXX-PQ-R4** series (commonly associated with manufacturer series like those from **Diodes Incorporated** or similar high-density logic/protection components) typically refers to a specific configuration of semiconductor devices. The suffix **"PQ"** usually denotes the package type, while **"R4"** often refers to the tape-and-reel quantity or a specific revision. Below is an overview of the electronic characteristics and structural components typically associated with this part numbering convention. --- ### 1. General Specifications Based on standard industry nomenclature for this series, these parts are usually **TVS (Transient Voltage Suppression)** diode arrays or **ESD Protection** devices designed for high-speed data lines. | Feature | Specification (Typical) | | :--- | :--- | | **Package Type** | SOT23, SOT363, or DFN (Surface Mount) | | **Channel Count** | 1 to 4 Channels | | **Breakdown Voltage** | Usually 3.3V, 5.0V, or 12V | | **Capacitance** | Low to Ultra-Low (< 1.0pF for high-speed) | | **Polarity** | Unidirectional or Bidirectional | --- ### 2. Internal Electronic Structure The "DXXX" series functions as a protective barrier for sensitive integrated circuits (ICs). * **Zener/TVS Diodes:** The core component consists of silicon-avalanche diodes designed to "clamp" high-voltage spikes (like static electricity) to a safe level. * **Steering Diodes:** In multi-channel versions, steering diodes are used to direct the transient current toward the power rail ($V_{cc}$) or Ground ($GND$), protecting the I/O line. * **Low Parasitic Capacitance:** To prevent signal distortion in USB 3.0, HDMI, or Ethernet lines, the internal junction capacitance is minimized. --- ### 3. Pinout and Integration While specific pinouts depend on the exact "XXX" digits (e.g., D5V0, D12V), the standard **PQ-R4** layout generally follows this logic: ```mermaid graph LR Input1[I/O 1] --> Diode1((TVS)) Input2[I/O 2] --> Diode2((TVS)) Diode1 --> GND[Common Ground] Diode2 --> GND ``` ### 4. Application Areas These parts are essential in modern electronics to prevent damage from **Electrostatic Discharge (ESD)**: 1. **Consumer Electronics:** Smartphones, Tablets, and Laptops. 2. **Data Ports:** USB Type-C, HDMI 2.0, and DisplayPort interfaces. 3. **Industrial:** Sensors and PLC communication lines (RS-485/RS-232). --- ### 5. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **D** | Diode / Device Category | | **XXX** | Voltage Rating (e.g., 5V0 = 5.0 Volts) | | **PQ** | Package Code (e.g., PowerDI or specific SOT variant) | | **R4** | Packaging Suffix (Typically 13-inch Reel, 4000 pieces) |
    ✨ Follow-up Questions
    • ⤷ What is the specific breakdown voltage for the D5V0-PQ-R4 variant?
    • ⤷ How does 'R4' packaging differ from 'R7' or 'R13' suffixes?
    • ⤷ Can this part be used for high-speed USB 3.1 data protection?