E.FL-R-SMT
AI

The **E.FL-R-SMT** is a specific type of ultra-small surface-mount coaxial connector manufactured by **Hirose Electric**. It is part of the E.FL series, designed for high-frequency signal transmission in compact electronic devices.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Receptacle (Female) |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **Characteristic Impedance** | 50 Ohms |
| **Frequency Range** | DC to 3 GHz |
| **V.S.W.R.** | 1.3 Max (at 3 GHz) |
| **Mated Height** | 3.0 mm or 3.2 mm (depending on the plug) |
---
### 2. Physical Characteristics
* **Ultra-Miniature Design:** It occupies a very small footprint on the PCB, making it ideal for dense circuitry.
* **Materials:**
* **Center Contact:** Phosphor bronze with gold plating (to ensure high conductivity and oxidation resistance).
* **Insulator:** Liquid Crystal Polymer (LCP) or similar heat-resistant resin to withstand SMT reflow soldering.
* **Shell:** Brass or Phosphor bronze with silver or gold plating.
* **Packaging:** Usually supplied in **Embossed Carrier Tape** (Tape & Reel) for automated pick-and-place assembly.
---
### 3. Applications
The E.FL-R-SMT is primarily used for internal RF connections where space is at a premium. Common applications include:
1. **Mobile Communications:** Smartphones, cellular modules, and GPS receivers.
2. **Wireless LAN:** Wi-Fi routers and Bluetooth modules.
3. **IoT Devices:** Small sensor nodes requiring external antenna connections.
4. **Test Points:** Used as a diagnostic port for RF signal testing during manufacturing.
---
### 4. Comparison: E.FL vs. U.FL
While both are Hirose standards, they differ in size and performance:
* **U.FL:** Smaller mated height (as low as 1.9mm). Very common in laptops and M.2 modules.
* **E.FL:** Slightly larger but offers a robust connection and was one of the earlier standards for sub-miniature coaxial interfaces.
---
- ⤷
What is the difference between E.FL and U.FL connectors in terms of PCB footprint?
- ⤷ Can E.FL-R-SMT connectors be hand-soldered or are they strictly for reflow?
- ⤷ What are the recommended mating cable plugs for this specific receptacle?