E2AB
AI

The **E2AB** series (specifically produced by Omron) refers to a family of **Inductive Proximity Sensors**. These are electronic components used in industrial automation to detect the presence of metallic objects without physical contact.
---
## 1. Core Technical Specifications
The E2AB series is designed for standard industrial environments and is often used as a cost-effective alternative to high-end series while maintaining reliability.
| Feature | Description |
| :--- | :--- |
| **Sensing Type** | Inductive (detects ferrous metals like Iron/Steel) |
| **Housing Material** | Nickel-plated brass or Stainless steel |
| **Connection Type** | M12, M18, or M30 cylindrical sizes |
| **Operating Voltage** | 10 to 30 VDC |
| **Output Type** | PNP or NPN (Normally Open / Normally Closed) |
| **Mounting** | Shielded (flush) or Unshielded (non-flush) |
---
## 2. Key Internal Components
The functionality of an E2AB sensor relies on four primary internal stages:
1. **Oscillator Coil:** Located at the sensing face. It generates a high-frequency electromagnetic field.
2. **Schmitt Trigger:** A circuit that monitors the amplitude of the oscillations. When a metal object enters the field, it induces eddy currents, causing the oscillation to dampen. The Schmitt trigger detects this drop.
3. **Output Amplifier:** Converts the low-level signal from the trigger into a high-current output (typically 100mA to 200mA) to drive a PLC input or a relay.
4. **Protection Circuits:** Most E2AB models include reverse polarity protection and short-circuit protection to prevent damage during installation.
---
## 3. Sensing Distance vs. Size
The sensing range is directly proportional to the diameter of the sensor head:
| Model Size | Sensing Distance (Shielded) |
| :--- | :--- |
| **M12** | 2.0 mm to 4.0 mm |
| **M18** | 5.0 mm to 8.0 mm |
| **M30** | 10.0 mm to 15.0 mm |
---
## 4. Wiring Configuration
The standard wiring for an E2AB DC 3-wire sensor follows international color codes:
```markdown
- Brown: VCC (+10 to 30V)
- Blue: GND (0V)
- Black: Output Signal (Load)
```
- ⤷
What is the difference between NPN and PNP output types in the E2AB series?
- ⤷ How does 'shielded' vs 'unshielded' mounting affect the installation of these sensors?
- ⤷ Can E2AB sensors detect non-metallic objects like plastic or glass?