E39-R1K
AI

## Overview of the E39-R1K
The **E39-R1K** is a high-performance **Retroreflective Tape** (reflector) manufactured by **Omron**. It is specifically designed for use with photoelectric sensors that operate using the retroreflective sensing method. Unlike rigid plastic reflectors, the E39-R1K is flexible and adhesive-backed.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | Adhesive Retroreflective Tape |
| **Reflective Material** | Micro-prism structure |
| **Operating Temperature** | -25°C to +55°C |
| **Storage Temperature** | -40°C to +70°C |
| **Ambient Humidity** | 35% to 85% RH |
| **Dimensions** | Approx. 22.8 mm x 17.8 mm (standard piece size) |
| **Directional Properties** | High reflectivity at narrow angles |
---
### Key Electronic & Optical Characteristics
#### 1. Micro-Prism Technology
The "electronic" functionality of this part lies in its optical physics. It utilizes a **corner-cube micro-prism** array. When the light beam from a photoelectric sensor hits the tape, the prisms reflect the light back along the same path to the sensor's receiver, regardless of the incident angle (within certain limits).
#### 2. Sensing Distance Factors
The E39-R1K is often used as a substitute for rigid reflectors (like the E39-R1). However, it has a different **Reflector Factor**:
* **Coefficient:** Typically provides about 70% to 90% of the sensing distance compared to a standard rigid reflector.
* **Polarization:** It is compatible with sensors featuring **MSR (Mirror Surface Rejection)**, which allows the sensor to distinguish between light reflected by the tape and light reflected by a shiny object (like a soda can).
#### 3. Application Use Cases
* **Curved Surfaces:** Because it is a tape, it can be applied to cylinders or irregular machine parts where a plastic screw-on reflector won't fit.
* **Space-Constrained Areas:** Its thin profile (less than 1mm) makes it ideal for tight mechanical tolerances.
* **Conveyor Systems:** Used to detect the presence or absence of objects on a line.
---
### Installation Considerations
1. **Surface Preparation:** The mounting surface must be cleaned with alcohol or a degreaser to ensure the adhesive bonds correctly.
2. **Orientation:** For maximum range, the tape should be placed perpendicular to the sensor's light beam.
3. **Replacement:** Over time, dust or scratches on the tape surface will reduce the "Reflector Factor," requiring the sensor's threshold to be readjusted or the tape to be replaced.
- ⤷
How does the E39-R1K compare to the E39-R1 rigid reflector in terms of sensing range?
- ⤷ Can the E39-R1K be used with laser photoelectric sensors?
- ⤷ What are the specific cleaning requirements to maintain its reflectivity?