Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • E39-R42

  • AI
    The **E39-R42** is a specific electronic accessory manufactured by **Omron Industrial Automation**. It is a **Corner Cube Retroreflector** designed for use with photoelectric sensors. --- ## 1. Technical Specifications The E39-R42 is a high-efficiency reflective target. Below are its primary technical characteristics: | Property | Specification | | :--- | :--- | | **Type** | Retroreflector (Corner Cube) | | **Material** | Acrylic (Surface), ABS (Backing) | | **Directional Angle** | 30° minimum | | **Operating Temperature** | -25°C to +55°C | | **Storage Temperature** | -40°C to +70°C | | **Mounting** | Self-adhesive backing (typically) | --- ## 2. Operating Principle Unlike a standard mirror that reflects light at the same angle it hits (Specular Reflection), the E39-R42 uses **Corner Cube technology**. 1. **Reflection:** It consists of multiple micro-prisms shaped like the corner of a cube. 2. **Accuracy:** When light enters these prisms, it is reflected back exactly 180° to the source, even if the reflector is slightly tilted. 3. **Sensor Compatibility:** It is specifically designed for **Retro-reflective sensors** (where the emitter and receiver are in the same housing). --- ## 3. Dimensions and Form Factor The "42" in the part number often relates to the physical dimensions in Omron's E39 series. * **Size:** Approximately 40mm x 10mm (Slim rectangular shape). * **Thickness:** Very thin profile, making it suitable for mounting in tight spaces or on moving conveyor rails. * **Adhesive:** Usually comes with a 3M-style adhesive tape for quick installation without screws. --- ## 4. Key Advantages * **Polarization Compatibility:** It works effectively with polarized retro-reflective sensors, which prevents the sensor from being "tricked" by shiny objects like aluminum cans or stainless steel. * **Compactness:** Its slim design allows for installation on narrow frames. * **Durability:** Resistant to typical industrial cleaning agents, though the acrylic surface should be kept free of heavy dust and scratches for optimal sensing range. --- ## 5. Typical Application ```text [ Sensor ] ------> (Light Beam) ------> [ E39-R42 Reflector ] ^ | |________________(Reflected Beam)___________| ``` * **Conveyor Systems:** Detecting the presence of boxes or parts. * **Gate Control:** Sensing when a vehicle or person breaks the beam. * **Packaging Machinery:** Limited space sensing where a standard square reflector is too large.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance when using the E39-R42 with an E3Z sensor?
    • ⤷ How does the E39-R42 differ from the larger E39-R1 reflector?
    • ⤷ Is the E39-R42 waterproof for outdoor applications?