E3F2-R2RB4-S
AI

### Overview of Omron E3F2-R2RB4-S
The **E3F2-R2RB4-S** is a high-performance cylindrical photoelectric sensor manufactured by Omron. It belongs to the E3F2 series, known for its robustness and ease of installation in industrial automation environments. This specific model is a **Retro-reflective** sensor.
---
### Technical Specifications
The following table outlines the core electronic and physical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Retro-reflective (requires a reflector) |
| **Sensing Distance** | 0.1 to 2.0 Meters (using E39-R1 reflector) |
| **Supply Voltage** | 10 to 30 VDC (including 10% ripple) |
| **Output Type** | PNP Open Collector |
| **Output Mode** | Dark-ON |
| **Current Consumption** | 30 mA max. |
| **Response Time** | 2.5 ms max. |
| **Housing Material** | Plastic (M18 threaded barrel) |
| **Connection Method** | Pre-wired (Standard cable length 2m) |
---
### Key Electronic Components & Features
#### 1. Light Source and Detection
The sensor utilizes an **Infrared LED** as its light source. In a retro-reflective setup, the light beam travels to a reflector and returns to the receiver located in the same housing. If an object breaks this beam, the sensor triggers the output.
#### 2. PNP Open Collector Output
* **Electronic Logic:** As a PNP output sensor, it "sources" current. When triggered, it connects the output wire to the positive supply voltage (Vcc).
* **Dark-ON Mode:** The output is activated (ON) when the receiver **does not** see the reflected light (i.e., when an object is blocking the beam).
#### 3. Protection Circuitry
The E3F2 series includes built-in electronic safeguards:
* **Reverse Polarity Protection:** Prevents damage if the power wires are swapped.
* **Output Short-Circuit Protection:** Protects the internal transistors if the load is shorted.
* **Mutual Interference Protection:** Allows sensors to be mounted close to one another without false triggering from adjacent light sources.
---
### Wiring Configuration
The standard 3-wire color coding for this DC sensor is:
1. **Brown:** Positive Power Supply (+V / 10-30 VDC)
2. **Blue:** Negative Power Supply (0V / GND)
3. **Black:** Output Signal (PNP)
---
- ⤷
How does the 'Dark-ON' operation differ from 'Light-ON' in practical applications?
- ⤷ What is the recommended reflector model for the maximum 2-meter sensing range?
- ⤷ Can this sensor be used to detect transparent or highly reflective objects?