E3F2-R4B4
AI

## E3F2-R4B4 Photoelectric Sensor Overview
The **E3F2-R4B4** is a cylindrical M18 threaded photoelectric sensor commonly used in industrial automation for object detection. It belongs to the E3F2 series, typically manufactured by brands like Omron (or compatible alternatives).
---
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Retro-reflective (Requires a reflector) |
| **Sensing Distance** | 0.1 to 4 meters (depending on reflector type) |
| **Output Type** | PNP (Source) |
| **Output Mode** | Selectable Light-ON / Dark-ON (usually wired) |
| **Supply Voltage** | 10 to 30 VDC |
| **Current Consumption** | 30 mA maximum |
| **Load Current** | 100 mA maximum |
| **Response Time** | 2.5 ms maximum |
| **Housing Material** | Plastic (ABS) or Brass-Nickel plated |
| **Protection Rating** | IP67 (Dust and water-resistant) |
---
### 2. Electronic Internal Structure
The E3F2-R4B4 operates using three main internal stages:
1. **Emitter Stage:** Uses an Infrared LED (or visible Red LED) to pulse light toward a reflector.
2. **Receiver Stage:** A phototransistor detects the reflected light. It includes a specialized IC to filter out ambient light and noise.
3. **Output Stage:** A **PNP Transistor** acts as a switch. When triggered, it connects the Load wire to the positive supply voltage ($V_{CC}$).
---
### 3. Wiring Diagram (Color Coding)
Standard industrial color coding is used for the 3-wire DC connection:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | +VCC | Positive power supply (10-30V) |
| **Blue** | 0V / GND | Negative power supply |
| **Black** | Output | PNP Signal (Connected to Load) |
#### Connection Logic:
* **PNP Output:** The sensor provides a "High" signal. The load should be connected between the **Black (Output)** wire and the **Blue (GND)** wire.
---
### 4. Key Electronic Features
* **Short-Circuit Protection:** The sensor is equipped with internal circuitry to prevent damage if the output is accidentally grounded.
* **Reverse Polarity Protection:** Prevents damage if the Brown and Blue wires are swapped during installation.
* **Mutual Interference Prevention:** Allows two sensors to be mounted close to each other without their light beams triggering the other's receiver.
---
- ⤷
What is the difference between NPN and PNP versions of this sensor?
- ⤷ How do I wire this sensor to a PLC input?
- ⤷ What type of reflector is recommended for the 4-meter range?