E3F2-R4B4-P1
AI

The **E3F2-R4B4-P1** is a high-performance cylindrical photoelectric sensor manufactured by Omron. It belongs to the E3F2 series, which is known for its durability and standardized M18 housing.
---
### 1. Key Technical Specifications
The following table summarizes the electrical and physical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Sensing Type** | Retro-reflective (requires a reflector) |
| **Sensing Distance** | 0.1 to 4 Meters (with E39-R1 reflector) |
| **Input Voltage** | 10 to 30 VDC |
| **Output Type** | PNP Open Collector |
| **Output Mode** | Light-ON / Dark-ON (Selectable via wiring) |
| **Housing Material** | Plastic (PBT) / Brass (Nickel Plated) |
| **Thread Size** | M18 (18mm diameter) |
| **Connection Method** | M12 Connector (4-pin) |
---
### 2. Functional Description
As a **Retro-reflective** sensor, the E3F2-R4B4-P1 contains both the light emitter and the receiver in a single housing.
* **Operation:** It emits a beam of light toward a dedicated reflector. The light bounces back to the receiver.
* **Detection:** When an object passes between the sensor and the reflector, the light beam is interrupted, triggering the electronic output.
* **Polarization:** This specific model usually features a **Polarizing Filter**, allowing it to detect shiny or mirror-like objects without false triggering.
---
### 3. Electronic Wiring and Pinout
Since this model uses a **PNP** output and an **M12 Connector**, the wiring typically follows the standard industrial color code:
```text
Pin 1 (Brown): +V (10-30 VDC)
Pin 2 (White): Control Input (L-ON/D-ON Selection)
Pin 3 (Blue): 0V (Ground)
Pin 4 (Black): Output (PNP Load)
```
#### Output Circuitry
The PNP output means that when the sensor is triggered, it "switches" the positive voltage (V+) to the Black wire (Pin 4). The load should be connected between the Black wire and the Blue (Ground) wire.
---
### 4. Application Use Cases
* **Conveyor Systems:** Counting boxes or detecting the presence of items on a line.
* **Packaging Machinery:** Monitoring the flow of materials.
* **Automated Gates:** Detecting vehicles or pedestrians for safety stops.
- ⤷
What is the difference between PNP and NPN outputs in this sensor series?
- ⤷ How do I wire the sensor to switch between Light-ON and Dark-ON modes?
- ⤷ Which specific M12 cable connector is recommended for this sensor?