E3F3-R81M-D
AI

The **E3F3-R81M-D** is a specific model of photoelectric sensor, typically manufactured by OMRON (or compatible brands). It belongs to the E3F3 series, which are M18 cylindrical sensors designed for industrial automation.
Below is a detailed breakdown of its electronic components, specifications, and wiring.
---
### 1. Technical Specifications
This sensor is a **Retro-reflective** type, meaning it requires a reflector to operate. The light beam travels from the sensor to the reflector and back; an object is detected when it breaks this beam.
| Feature | Specification |
| :--- | :--- |
| **Sensing Type** | Retro-reflective |
| **Sensing Distance** | Typically 0.1 to 2 Meters (depends on reflector) |
| **Output Type** | PNP (Positive-Negative-Positive) |
| **Output Mode** | Dark-ON (The "D" suffix signifies Dark-ON) |
| **Voltage Supply** | 12 to 24 VDC |
| **Current Consumption** | Max 30mA |
| **Load Current** | Max 100mA |
| **Light Source** | Infrared LED |
---
### 2. Electronic Internal Structure
The E3F3-R81M-D consists of four main electronic stages:
1. **Emitter Circuit:** Drives an infrared LED to pulse a light beam at a specific frequency to avoid interference from ambient light.
2. **Receiver Circuit:** A photodiode or phototransistor tuned to the emitter's frequency.
3. **Signal Processing:** An integrated circuit (IC) that compares the received signal against a threshold.
4. **Output Stage (PNP):** Uses a PNP transistor to switch the positive voltage (V+) to the load.
---
### 3. Wiring Configuration
The sensor typically uses a 3-wire system. Since it is a **PNP** sensor, it provides a "High" signal (24V) to the PLC or relay.
| Wire Color | Function | Connection |
| :--- | :--- | :--- |
| **Brown** | V+ (Positive) | +12V to +24V DC |
| **Blue** | 0V (Negative) | Ground / Common |
| **Black** | Control Output | Load / PLC Input |
#### Logic Table (Dark-ON)
| Object Status | Light Path | Output State |
| :--- | :--- | :--- |
| **Not Present** | Reflected (Light) | OFF (0V) |
| **Present** | Blocked (Dark) | **ON (+24V)** |
---
### 4. Comparison: PNP vs. NPN
It is crucial to note that the **R81** indicates PNP. If your system requires NPN (switching to ground), you would need the **R61** model.
```python
# PNP Logic (This Sensor)
Load_Connection = (Black_Wire) -> (Load) -> (Blue_Wire/GND)
# NPN Logic (Alternative Sensor)
Load_Connection = (Brown_Wire/V+) -> (Load) -> (Black_Wire)
```
---
- ⤷
What is the difference between Light-ON and Dark-ON modes in this sensor series?
- ⤷ Can I use this sensor with a 5V microcontroller like an Arduino?
- ⤷ What type of reflector is recommended for the E3F3-R81M-D to reach its maximum range?