E3JK-R4M1
AI

The **E3JK-R4M1** is a popular industrial photoelectric sensor manufactured by Omron (and various compatible brands). It is a **retro-reflective** type sensor, meaning it emits a light beam that must bounce off a reflector to be detected by the receiver housed in the same unit.
---
### 1. Key Technical Specifications
| Feature | Specification |
|:---|:---|
| **Sensing Method** | Retro-reflective (Requires a reflector) |
| **Sensing Distance** | Up to 4 meters (depending on reflector size) |
| **Supply Voltage** | 12 to 240 VDC / 24 to 240 VAC (Multi-voltage) |
| **Output Type** | Relay Output (SPDT - Single Pole Double Throw) |
| **Switching Capacity** | 3A at 250 VAC |
| **Response Time** | 20 ms maximum |
| **Light Source** | Infrared LED |
| **Indicator** | Red LED (Light reception indicator) |
---
### 2. Internal Electronic Components
The E3JK-R4M1 is complex because it integrates AC-to-DC conversion and logic into a single housing.
* **Emitter & Receiver:** Contains an Infrared (IR) LED as the light source and a phototransistor/photodiode as the detector.
* **Power Supply Circuit:** Includes a bridge rectifier and voltage regulator to allow the device to run on both AC and DC power.
* **Internal Relay:** Unlike NPN/PNP sensors that use solid-state transistors for output, this model uses a **mechanical relay**. This allows it to switch higher current loads directly.
* **Sensitivity Potentiometer:** Usually located on the back or side, allowing the user to adjust the threshold for detection.
---
### 3. Wiring Configuration (5-Wire System)
The device typically uses a 5-wire color-coded cable:
| Wire Color | Function | Description |
|:---|:---|:---|
| **Brown** | Power (L/+) | Connect to Supply (12-240V) |
| **Blue** | Power (N/-) | Connect to Supply (12-240V) |
| **White** | Relay Common (COM) | The "Input" side of the switch |
| **Black** | Normally Open (NO) | Closes when the beam is broken/made |
| **Gray** | Normally Closed (NC) | Opens when the beam is broken/made |
---
### 4. Detection Logic
The E3JK-R4M1 can often be configured for two modes:
1. **Light-ON:** The relay activates when the receiver sees the light from the reflector.
2. **Dark-ON:** The relay activates when an object blocks the beam (standard for most security and counting applications).
---
- ⤷
What is the difference between E3JK-R4M1 and the NPN/PNP versions of the same sensor?
- ⤷ How do I wire this sensor to a PLC or a 110V motor?
- ⤷ Can this sensor detect transparent objects like glass or plastic bottles?