Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • E3JK-R4M12

  • AI
    The **E3JK-R4M12** is a popular industrial photoelectric sensor manufactured by Omron (or compatible brands). It is a **retro-reflective** sensor, meaning it emits a light beam toward a reflector and triggers when an object interrupts that beam. --- ## 1. Technical Specifications The E3JK-R4M12 is designed for versatility, handling both AC and DC voltages and featuring a relay output. | Feature | Specification | | :--- | :--- | | **Sensing Method** | Retro-reflective (requires a reflector) | | **Sensing Distance** | Typically up to 4 meters (depending on reflector) | | **Supply Voltage** | 24 to 240 VAC / 24 to 240 VDC (Universal) | | **Output Type** | Relay Contact (SPDT) | | **Control Output** | 3A at 250 VAC (Resistive load) | | **Response Time** | 20 ms maximum | | **Light Source** | Red LED (Visible) or Infrared LED | | **Operating Mode** | Light-ON / Dark-ON (Selectable via switch) | --- ## 2. Core Electronic Components The internal circuitry consists of four main functional blocks: ### A. Power Supply Block Because this sensor accepts a wide range of voltages (24-240V), it contains an internal **Switching Mode Power Supply (SMPS)** or a robust regulator circuit. This converts the high-voltage input into low-voltage DC (typically 5V or 12V) to power the internal logic and the LED. ### B. Emitter and Receiver * **Emitter:** A high-intensity LED (usually red for easy alignment) that pulses light to reduce interference from ambient lighting. * **Receiver:** A photodiode or phototransistor tuned to the specific frequency of the emitter. ### C. Signal Processing Logic The sensor uses a comparator circuit. It compares the intensity of the light hitting the receiver against a threshold. * **Potentiometer:** Most models include a small screw-dial (potentiometer) to adjust the sensitivity/sensing distance. * **Logic Switch:** A physical switch allows you to choose between **Light-ON** (relay activates when light is received) or **Dark-ON** (relay activates when the beam is broken). ### D. Relay Output (The "M" in the model name) Unlike NPN/PNP sensors that output a small voltage, the **R4M12** uses a physical **Electromagnetic Relay**. * **Mechanical Life:** Typically 50 million operations. * **Isolation:** The relay provides galvanic isolation between the sensor's power and the load it is switching. --- ## 3. Wiring Diagram (5-Wire System) The E3JK-R4M12 typically uses a 5-wire cable configuration: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | Power (L/+) | 24-240V AC or DC | | **Blue** | Power (N/-) | 24-240V AC or DC | | **White** | Relay Common (COM) | The shared terminal for the switch | | **Black** | Normally Open (NO) | Closes when the sensor is triggered | | **Gray** | Normally Closed (NC) | Opens when the sensor is triggered | --- ## 4. Key Advantages 1. **Universal Voltage:** No need for a separate DC power supply if you have AC mains available. 2. **High Current Switching:** The relay can directly drive small motors, sirens, or large contactors without an external transistor. 3. **Long Range:** Retro-reflective technology allows for much longer sensing distances than diffused sensors. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between E3JK-R4M1 and E3JK-R4M2?
    • ⤷ How do I wire this sensor to a PLC input?
    • ⤷ Can this sensor detect transparent objects like glass or clear plastic?