E3JM-R4S4-US
AI

The **E3JM-R4S4-US** is a high-performance photoelectric sensor manufactured by Omron. It is a **Retro-reflective** sensor, meaning it emits a light beam toward a reflector and detects objects when the beam is interrupted.
Below is a detailed breakdown of its electronic specifications and features.
### 1. Core Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Retro-reflective (with MSR function) |
| **Sensing Distance** | 4 meters (when using E39-R1 reflector) |
| **Supply Voltage** | 12 to 240 VDC or 24 to 240 VAC (Universal) |
| **Output Type** | Relay (SPDT) - Single Pole Double Throw |
| **Switching Capacity** | 3A at 250 VAC / 3A at 30 VDC |
| **Response Time** | 20 ms maximum |
| **Light Source** | Infrared LED |
| **Connection** | Terminal Block (Conduit G1/2) |
---
### 2. Key Electronic Features
#### A. Universal Voltage Power Supply
One of the most significant electronic characteristics of the E3JM series is its **built-in power supply**. It can accept a wide range of input voltages (AC or DC), making it highly versatile for various industrial environments without needing a separate power converter.
#### B. MSR (Mirror Surface Rejection) Function
The sensor includes a polarizing filter. This allows it to distinguish between the light reflected from the dedicated reflector and the light reflected from a shiny object (like a stainless steel can or a mirror). This prevents false triggers from reflective targets.
#### C. Relay Output (SPDT)
Unlike NPN/PNP transistor outputs found in smaller sensors, this model uses a mechanical relay.
* **Benefit:** It can switch higher current loads directly.
* **Durability:** The relay is rated for approximately 100,000 operations under full load.
#### D. Built-in Timer Functions
The "S4" designation in the model number typically indicates the inclusion of internal timing functions:
* **ON-delay**
* **OFF-delay**
* **One-shot**
* Timer durations are usually adjustable (0.1 to 5 seconds).
---
### 3. Wiring Configuration (Terminal Block)
Inside the sensor head, you will find a terminal block with the following typical pin-out:
| Terminal | Function | Description |
| :--- | :--- | :--- |
| **1 & 2** | Power Supply | Connect 12-240V DC or 24-240V AC |
| **3** | Common (COM) | The common point for the relay switch |
| **4** | Normally Closed (NC) | Connected to COM when no object is detected |
| **5** | Normally Open (NO) | Connected to COM when an object is detected |
---
### 4. Environmental Protection
* **IP Rating:** IP66 (Dust-tight and protected against powerful water jets).
* **Operating Temp:** -25°C to 55°C.
- ⤷
What are the specific advantages of using a retro-reflective sensor over a through-beam sensor?
- ⤷ How do I adjust the sensitivity or timer settings on the E3JM-R4S4-US?
- ⤷ What is the maximum switching frequency for the mechanical relay output in this sensor?