E3JM-R4S4T
AI

## Technical Overview: E3JM-R4S4T Photoelectric Sensor
The **E3JM-R4S4T** is a high-performance, rectangular photoelectric sensor manufactured by Omron. It belongs to the E3JM series, which is known for its versatility in power supply options and robust output capabilities.
---
### 1. Key Electronic Specifications
The "electronic parts" of this sensor define its power handling, sensing logic, and output interface.
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Retro-reflective (requires a reflector) |
| **Sensing Distance** | Up to 4 meters (with E39-R1 reflector) |
| **Supply Voltage** | 12 to 240 VDC or 24 to 240 VAC (Universal) |
| **Output Type** | Relay Output (SPDT) |
| **Switching Capacity** | 3A at 250 VAC (Resistive Load) |
| **Power Consumption** | 3W maximum |
| **Response Time** | 20 ms (Maximum) |
| **Light Source** | Infrared LED |
---
### 2. Internal Electronic Components & Functions
#### A. Universal Power Supply Block
One of the most significant electronic features of this model is the built-in switch-mode power circuitry. It can accept a wide range of voltages (both AC and DC) without needing manual adjustment, making it compatible with global industrial grids.
#### B. Timer Function (The "T" Suffix)
The **"T"** in the model name indicates the inclusion of an **onboard timer**.
* **Adjustment:** Typically features a potentiometer under the wiring cover.
* **Modes:** It usually supports ON-delay, OFF-delay, and One-shot timing functions.
* **Time Range:** Adjustable from 0.1 to 5 seconds.
#### C. Relay Output Interface
Unlike NPN/PNP transistor outputs, the E3JM-R4S4T uses a **Mechanical Relay (SPDT)**.
* **Advantage:** It can switch high-current AC loads directly.
* **Isolation:** The output circuit is galvanically isolated from the power supply circuit.
---
### 3. Wiring Configuration
The sensor features a terminal block for connections. Below is the standard pinout logic:
| Terminal | Function | Description |
| :--- | :--- | :--- |
| **1 & 2** | Power Supply | Connect 12-240V DC or 24-240V AC |
| **3** | Relay COM | Common terminal for the relay |
| **4** | Relay NC | Normally Closed contact |
| **5** | Relay NO | Normally Open contact |
---
### 4. Operational Indicators
The electronic assembly includes two primary LED indicators for diagnostic purposes:
* **Light Indicator (Red):** Lights up when the receiver is receiving light.
* **Stability Indicator (Green):** Lights up when the light level is stable (well above the threshold), ensuring the sensor is not on the edge of failing due to dust or misalignment.
---
- ⤷
How do I adjust the timer settings on the E3JM-R4S4T?
- ⤷ What is the difference between the R4S4T and the R4M4T models?
- ⤷ Can this sensor be used with a PLC input?