E3S-R2B41
AI

## OMRON E3S-R2B41: Electronic Overview
The **E3S-R2B41** is a high-performance, self-contained photoelectric sensor specifically designed for the detection of **transparent objects** (such as glass or plastic bottles). It belongs to the E3S-R series by Omron.
---
### 1. Core Technical Specifications
The following table highlights the essential electronic and operational parameters:
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Retro-reflective (with MSR function) |
| **Sensing Distance** | 100 mm to 2 meters (with E39-R1 reflector) |
| **Supply Voltage** | 12 to 24 VDC ±10% (ripple 10% max) |
| **Current Consumption** | 40 mA maximum |
| **Output Type** | PNP Open Collector |
| **Control Output** | 100 mA max at 30 VDC |
| **Response Time** | 1 ms maximum (Operate/Release) |
| **Light Source** | Red LED (700 nm) |
---
### 2. Key Electronic Components & Functions
#### A. PNP Output Stage
This sensor utilizes a **PNP Open Collector** output.
- **Operation:** When the sensor is triggered, the output wire (Black) connects to the positive supply (Vcc).
- **Wiring:** Load should be connected between the Black (Output) and Blue (0V) wires.
#### B. MSR (Mirror Surface Rejection)
The E3S-R2B41 includes built-in polarizing filters. This is critical for electronic stability because it allows the sensor to distinguish between the light reflected by the **reflector** and the light reflected by a **shiny object**.
#### C. Sensitivity Adjustment
The unit features a **two-turn endless sensitivity adjuster**. This allows for fine-tuning the threshold level to detect even thin films or clear glass that might otherwise allow too much light to pass through to the receiver.
#### D. Protection Circuitry
The electronic design includes several safety features:
- **Reverse Polarity Protection:** Prevents damage if the power leads are swapped.
- **Output Short-circuit Protection:** Protects the internal transistor if the load is shorted.
- **Mutual Interference Prevention:** Allows two sensors to be mounted in close proximity without affecting each other’s optical signals.
---
### 3. Wiring Diagram Structure
Below is the standard wiring configuration for the PNP output:
```mermaid
graph LR
A[Brown: 12-24 VDC] --- S(Sensor)
B[Blue: 0V] --- S
C[Black: Output] --- L[Load/PLC Input]
L --- B
D[White: Mode Selection] --- A
```
* **Light-ON / Dark-ON:** The operating mode (whether the output turns ON when light is received or blocked) is usually selectable via the White wire or a switch on the housing.
---
- ⤷
How does the MSR function prevent false triggers from shiny objects?
- ⤷ What is the specific wiring difference between Light-ON and Dark-ON modes for this model?
- ⤷ Can this sensor be used with a NPN-logic PLC?