Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • E3S-R36

  • AI
    The **Omron E3S-R36** is a high-performance photoelectric sensor specifically designed for the detection of transparent objects (like glass or clear plastic bottles). Below is a breakdown of its electronic components, specifications, and operational logic. --- ### 1. Technical Specifications The E3S-R36 belongs to the **E3S-R series**, utilizing a retro-reflective sensing method with a built-in polarizing filter. | Feature | Specification | | :--- | :--- | | **Sensing Method** | Retro-reflective (Clear object detection) | | **Sensing Distance** | 100 mm to 1 m (with E39-R1 reflector) | | **Supply Voltage** | 10 to 30 VDC | | **Current Consumption** | 40 mA maximum | | **Output Type** | NPN / PNP selectable (depending on specific sub-model) | | **Response Time** | 1 ms maximum (Operate or Reset) | | **Light Source** | Red LED (660 nm wavelength) | --- ### 2. Key Electronic Components #### A. The Optical System * **Polarizing Filter:** This is the most critical electronic/optical feature. It ensures that the sensor only receives light reflected by the corner-cube reflector, ignoring high-intensity reflections from the surface of transparent objects. * **Red LED Emitter:** Provides a visible beam for easy alignment. #### B. Output Circuitry The sensor typically features an open-collector transistor output. * **NPN/PNP Switching:** Most models in this series allow the user to toggle between Light-ON and Dark-ON modes via a physical switch on the housing. * **Load Current:** Capable of switching up to 100 mA. #### C. Control Adjustments * **Sensitivity Potentiometer:** A multi-turn trimmer allows for fine-tuning. This is vital for "tuning out" the transparency of thin films or glass to ensure the sensor triggers accurately. * **Indicators:** * **Light Indicator (Red):** Lights up when the receiver picks up the beam. * **Stability Indicator (Green):** Lights up when the light level is within a stable operating range (either sufficiently above or below the threshold). --- ### 3. Wiring Diagram Logic The unit typically uses a 3-wire or 4-wire connection. ```mermaid graph LR A[Brown: +V 10-30VDC] --- B[Power Input] C[Blue: 0V] --- B D[Black: Output] --- E[Load/PLC Input] F[White: L/D ON Selection] --- G[Mode Control] ``` --- ### 4. Detection Principle Unlike standard retro-reflective sensors that might "see through" glass, the E3S-R36 uses a **specialized optical path**: 1. The emitter sends a polarized beam. 2. The reflector rotates the light's polarization by 90 degrees. 3. The receiver's filter only allows this rotated light to pass. 4. **Transparent Object Detection:** Even a slight attenuation (loss of light) caused by a clear bottle is enough for the internal comparator to trigger the output.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output configurations in this sensor?
    • ⤷ How do I calibrate the sensitivity for extremely thin plastic films?
    • ⤷ Which reflectors are compatible with the E3S-R36 for maximum distance?