E3S-R61
AI

The **OMRON E3S-R61** is a high-performance, retro-reflective photoelectric sensor specifically designed to detect transparent objects (like glass or plastic bottles). Below is a detailed breakdown of its electronic components and technical specifications.
---
### 1. Core Technical Specifications
The E3S-R61 is part of the E3S series, characterized by its metal housing and robust sensing capabilities.
| Parameter | Specification |
| :--- | :--- |
| **Sensing Method** | Retro-reflective (requires a reflector) |
| **Sensing Distance** | 100 mm to 1 m (using the E39-R1 reflector) |
| **Power Supply Voltage** | 12 to 24 VDC ±10% (ripple 10% max) |
| **Current Consumption** | 40 mA maximum |
| **Control Output** | NPN and PNP dual output (Open Collector) |
| **Response Time** | 1 ms maximum |
| **Light Source** | Infrared LED (880 nm) |
---
### 2. Electronic Wiring and Interface
The E3S-R61 typically features a 3-wire or 4-wire connection. It is unique because it often provides both NPN and PNP outputs, allowing for flexibility in PLC interfacing.
#### **Wiring Color Codes**
* **Brown:** Positive Power (+V / 12-24VDC)
* **Blue:** Negative Power (0V / Common)
* **Black:** Output (NPN / PNP)
* **Pink/White:** Mode Selection (Light-ON / Dark-ON)
```python
# Logic Representation of Detection
If Light_Received == True:
Output = "Off" (in Dark-ON mode)
Output = "On" (in Light-ON mode)
```
---
### 3. Internal Components and Features
The sensor consists of several sophisticated electronic stages to ensure accuracy:
* **Infrared Emitter & Receiver:** Uses a pulse-modulated infrared LED. The receiver is tuned to the specific frequency of the emitter to prevent interference from ambient room lighting.
* **Sensitivity Adjuster:** A multi-turn potentiometer located on the body. This allows the user to fine-tune the threshold, which is critical for detecting thin glass or clear films.
* **Stability Indicators:**
* **Light Indicator (Red):** Lights up when the output is active.
* **Stability Indicator (Green):** Lights up when the received light is sufficiently above or below the threshold, ensuring reliable operation despite dust or temperature shifts.
* **Optical Filter:** Built-in polarizing filters to prevent "specular reflections" (false triggers from shiny surfaces that aren't the reflector).
---
### 4. Output Circuit Diagram (Typical)
The internal output circuit is protected against reverse polarity and short circuits.
| Output Type | Behavior |
| :--- | :--- |
| **NPN** | Switches the load to the Negative rail (Sink) |
| **PNP** | Switches the load to the Positive rail (Source) |
---
- ⤷
What is the difference between the E3S-R61 and the E3S-R11 models?
- ⤷ How do you adjust the sensitivity for detecting ultra-thin plastic films?
- ⤷ Can the E3S-R61 be used in wash-down environments with high moisture?