E3Z-R81
AI

## Overview: OMRON E3Z-R81
The **E3Z-R81** is a high-performance, compact photoelectric sensor developed by OMRON. It belongs to the E3Z series, which is industry-standard for general-purpose sensing. The "R" designation indicates it is a **Retro-reflective** model, meaning it requires a reflector to operate.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Retro-reflective with MSR (Mirror Surface Rejection) |
| **Sensing Distance** | 100 mm to 4 m (with E39-R1S reflector) |
| **Output Type** | PNP open collector |
| **Operation Mode** | Light-ON / Dark-ON (Switch selectable) |
| **Power Supply Voltage** | 12 to 24 VDC ±10% |
| **Current Consumption** | 30 mA max. |
| **Response Time** | 1 ms max. |
| **Light Source** | Red LED (660 nm) |
| **Connection Method** | Pre-wired (2m cable) |
| **Degree of Protection** | IP67 (Waterproof) |
---
### Key Electronic Components & Features
#### 1. MSR (Mirror Surface Rejection) Function
The E3Z-R81 includes built-in polarizing filters. This is a critical electronic feature that allows the sensor to detect shiny or mirror-like objects. It only receives the light that has been depolarized by the reflector, ignoring the direct reflection from the object itself.
#### 2. PNP Open Collector Output
The electronic output stage uses a PNP transistor.
* **Active State:** When triggered, the output pin connects to the positive supply voltage (Vcc).
* **Load Capacity:** It can typically handle up to 100 mA at 26.4 VDC.
* **Protection:** Includes short-circuit protection and reverse polarity protection.
#### 3. Operation Mode Selector
There is a physical switch (potentiometer-style) on the body that allows the user to toggle between:
* **Light-ON:** Output is ON when light returns from the reflector (no object present).
* **Dark-ON:** Output is ON when the beam is broken (object is present).
---
### Wiring Diagram (Electronic Interface)
The following represents the standard wiring for the PNP output model:
| Wire Color | Function | Connection |
| :--- | :--- | :--- |
| **Brown** | Vcc | +12 to 24 VDC |
| **Blue** | 0V | Ground (GND) |
| **Black** | Output | Connect to Load / PLC Input (PNP) |
```mermaid
graph LR
A[Brown: +VDC] --- Sensor((E3Z-R81))
B[Blue: 0V] --- Sensor
Sensor --- C[Black: Output]
C --- D[Load/PLC]
D --- B
```
---
### Indicator LEDs
The sensor housing features two electronic visual indicators:
1. **Operation Indicator (Orange):** Lights up when the output is ON.
2. **Stability Indicator (Green):** Lights up when the received light intensity has enough margin (stable sensing) or is sufficiently blocked.
- ⤷
What is the difference between the E3Z-R81 and the E3Z-R61 model?
- ⤷ How do I adjust the sensitivity for detecting semi-transparent objects?
- ⤷ Can this sensor be used with an NPN-type PLC input?