Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • E53-R

  • AI
    The **E53-R** is a specific relay output plug-in module designed for use with **Omron E5_N series** temperature controllers (such as the E5CN, E5EN, or E5AN). Below is the technical breakdown of its electronic components and specifications. --- ## 1. Technical Specifications The E53-R acts as the physical interface between the controller's logic and the high-power heater or load. | Feature | Specification | | :--- | :--- | | **Output Type** | Relay Output | | **Contact Configuration** | SPST-NO (Single Pole Single Throw, Normally Open) | | **Contact Rating** | 250 VAC, 3 A (Resistive Load) | | **Electrical Life** | 100,000 operations minimum | | **Mechanical Life** | 20,000,000 operations minimum | | **Compatible Series** | E5CN, E5EN, E5AN, E5GN (Plug-in models) | --- ## 2. Key Electronic Components Internally, the E53-R consists of several critical stages to ensure safe switching: ### A. Electromagnetic Relay The heart of the module is a miniature power relay. When the temperature controller determines that heat is needed, it sends a low-voltage DC signal to the relay coil, which closes the physical contacts to complete the AC circuit. ### B. Snubber Circuit (Internal Protection) Most E53-R modules include basic surge suppression to protect the relay contacts from "arcing" (sparks) that occur when switching inductive loads. This extends the lifespan of the silver-alloy contacts. ### C. Isolation Barrier The module provides galvanic isolation between the sensitive microprocessor inside the temperature controller and the high-voltage AC line. This prevents electrical noise or surges from destroying the main controller. --- ## 3. Wiring Diagram Logic The module typically plugs into a dedicated slot on the back of the controller. The wiring logic follows this pattern: ```text [ Controller Internal Logic ] | [ E53-R Coil ] <--- Low Voltage DC | [ Mechanical Contact ] <--- High Voltage AC (Switching) | [ External Heater/Load ] ``` --- ## 4. Pros and Cons of E53-R Compared to other output units like the **E53-V** (Voltage/SSR) or **E53-C** (Current), the E53-R has specific characteristics: * **Pros:** * Simple to wire (no external SSR needed for small loads). * Complete physical disconnection (air gap) when off. * Cheap replacement if the relay wears out. * **Cons:** * Limited life span due to moving parts. * Cannot be used for high-speed PWM (Proportional) control (will wear out too fast). * Creates audible "clicking" noise. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the E53-R and the E53-V24 module?
    • ⤷ How do I test if an E53-R relay has failed?
    • ⤷ What is the maximum current an E53-R can handle without an external contactor?